Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX125CEAX Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX125CEAX
Description  2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX125CEAX Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX125CEAX Datasheet HTML 6Page - Maxim Integrated Products MAX125CEAX Datasheet HTML 7Page - Maxim Integrated Products MAX125CEAX Datasheet HTML 8Page - Maxim Integrated Products MAX125CEAX Datasheet HTML 9Page - Maxim Integrated Products MAX125CEAX Datasheet HTML 10Page - Maxim Integrated Products MAX125CEAX Datasheet HTML 11Page - Maxim Integrated Products MAX125CEAX Datasheet HTML 12Page - Maxim Integrated Products MAX125CEAX Datasheet HTML 13Page - Maxim Integrated Products MAX125CEAX Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Reading a Conversion
Digitized data from up to four channels are stored in
memory to be read out through the parallel interface.
After receiving an INT signal, the user can access up to
four conversion results by performing up to four read
operations.
With CS low, the conversion result from CH_1 is
accessed, and INT is reset high on the first RD falling
edge. On the RD rising edge, the internal address
pointer is advanced. If a single conversion is pro-
grammed, only one RD pulse is required, and the
address pointer is reset to CH_1. For multichannel con-
versions, up to four RD falling edges sequentially
access the data for channels 1 through 4. For
n chan-
nels converted (1 <
n
≤ 4), the address pointer is reset
to CH_1 after
n RD pulses. Do not perform a read oper-
ation during conversion, as it will corrupt the conver-
sion’s accuracy.
__________Applications Information
External Clock
The MAX125/MAX126 require a TTL-compatible clock
up to 16MHz for proper operation. The clock duty
cycle’s range is between 30% and 70%.
Internal and External Reference
The MAX125/MAX126 can be used with an internal or
external reference voltage. An external reference can
be connected directly at REFIN. An internal buffer with
a gain of +1 provides 2.5V at REFOUT.
Internal Reference
The full-scale range with the internal reference is ±5V
for the MAX125 and ±2.5V for the MAX126. Bypass
REFIN with a 0.1µF capacitor to AGND and bypass the
REFOUT pin with a 4.7µF (min) capacitor to AGND
(Figure 6). The maximum value to compensate the ref-
erence buffer is 22µF. Larger values are acceptable if
low-ESR capacitors are used.
External Reference
For operation over a wide temperature range, an exter-
nal 2.5V reference with tighter specifications improves
accuracy. The MAX6325 is an excellent choice
to match the MAX125/MAX126 accuracy over the
commercial and extended temperature ranges with a
2x4-Channel, Simultaneous-Sampling
14-Bit DAS
10
______________________________________________________________________________________
X = Don’t care
Table 1. Modes of Operation
A3
A2
A1
0
0
0
0
0
0
0
0
1
0
0
1
A0
0
1
0
1
CONVERSION
TIME (µs)
3
6
9
12
MODE
Input Mux A/Two-Channel Conversion
Input Mux A/Three-Channel Conversion
Input Mux A/Four-Channel Conversion
0
1
0
0
3
Input Mux B/Single-Channel Conversion
0
1
0
1
6
Input Mux B/Two-Channel Conversion
0
1
1
0
9
Input Mux B/Three-Channel Conversion
0
1
1
1
12
Input Mux B/Four-Channel Conversion
1
X
X
X
Power-Down
TO DAC
REFIN
10k
0.1
µF
4.7
µF
AV = 1
2.5V
REFOUT
7
6
(2.5V)
(2.5V)
MAX125
MAX126
Figure 6. Internal Reference
Input Mux A/Single-Channel Conversion (default at power-up)


Similar Part No. - MAX125CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX125CEAX MAXIM-MAX125CEAX Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX125CEAX MAXIM-MAX125CEAX Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
More results

Similar Description - MAX125CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com