Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA260851E Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFA260851E
Description  Thermally-Enhanced High Power RF LDMOS FET 85 W, 2500 ??2700 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA260851E Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFA260851E Datasheet HTML 3Page - Infineon Technologies AG PTFA260851E Datasheet HTML 4Page - Infineon Technologies AG PTFA260851E Datasheet HTML 5Page - Infineon Technologies AG PTFA260851E Datasheet HTML 6Page - Infineon Technologies AG PTFA260851E Datasheet HTML 7Page - Infineon Technologies AG PTFA260851E Datasheet HTML 8Page - Infineon Technologies AG PTFA260851E Datasheet HTML 9Page - Infineon Technologies AG PTFA260851E Datasheet HTML 10Page - Infineon Technologies AG PTFA260851E Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
7 of 11
Rev. 02.1, 2009-02-20
PTFA260851E
PTFA260851F
Confidential, Limited Internal Distribution
Reference Circuit
Reference circuit schematic for ƒ = 2650 MHz
Circuit Assembly Information
DUT
PTFA260851E or PTFA260851F
LDMOS Transistor
PCB
0.76 mm [.030"] thick,
εr = 4.5
TMM4
2 oz. copper
Microstrip
Electrical Characteristics at 2650 MHz1
Dimensions: L x W ( mm) Dimensions: L x W (in.)
l1
0.121
λ, 46.9 Ω
7.42 x 1.52
0.292 x 0.060
l2
0.135
λ, 40.5 Ω
8.20 x 1.93
0.323 x 0.076
l3
0.021
λ, 40.5 Ω
1.27 x 1.93
0.050 x 0.076
l4
0.028
λ, 14.7 Ω
1.60 x 7.54
0.063 x 0.297
l5
0.079
λ, 8.3 Ω
4.37 x 14.66
0.172 x 0.577
l6
0.008
λ, 57.9 Ω
0.51 x 1.04
0.020 x 0.041
l7
0.272
λ, 57.9 Ω
16.79 x 1.04
0.661 x 0.041
l8
0.278
λ, 49.3 Ω
16.89 x 1.40
0.665 x 0.055
l9
0.278
λ, 49.3 Ω
16.89 x 1.40
0.665 x 0.055
l10
0.060
λ, 5.2 Ω
3.28 x 24.36
0.129 x 0.959
l11 (taper)
0.113
λ, 5.2 Ω / 49.3 Ω
6.73 x 24.36 / 1.40
0.265 x 0.959 / 0.055
l12
0.048
λ, 49.3 Ω
2.97 x 1.40
0.117 x 0.055
l13
0.095
λ, 49.3 Ω
5.84 x 1.40
0.230 x 0.055
l14
0.070
λ, 49.3 Ω
4.29 x 1.40
0.169 x 0.055
1Electrical characteristics are rounded.
R3
2K V
C3
0.001µF
C2
0.001µF
Q1
BCP56
R2
1.3K V
QQ1
LM7805
VDD
R5
5.1K V
R4
2K V
R1
1.2K V
C7
4.5pF
l1
DUT
C5
0.01µF
C4
10µF
35V
C6
4.5pF
R7
5.1K V
R6
10 V
C8
1.5pF
l2
l4
l5
l8
l9
VDD
L2
C9
4.5pF
C10
1µF
C12
10µF
50V
C18
4.5pF
C14
1µF
C16
10µF
50V
C17
0.1pF
l12
l13
l14
l11
C11
0.01µF
C15
0.01µF
l10
C13
4.5pF
L1
l6
R8
10 V
l7
RF_OUT
RF_IN
a260851ef_bd_2-1-08
C1
0.001µF
l3


Similar Part No. - PTFA260851E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA260451E INFINEON-PTFA260451E Datasheet
225Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 45 W, 2.62-2.68 GHz
Rev. 06, 2008-03-04
More results

Similar Description - PTFA260851E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA261702E INFINEON-PTFA261702E Datasheet
372Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 170 W, 2500 - 2700 MHz
Rev. 01.1, 2009-02-20
PTF240101S INFINEON-PTF240101S Datasheet
243Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 2400-2700 MHz
Rev. 05, 2007-04-12
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA142401EL INFINEON-PTFA142401EL Datasheet
449Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1450 ??1500 MHz
Rev. 04, 2009-07-16
PTFA043002E INFINEON-PTFA043002E Datasheet
305Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 300 W, 470 ??860 MHz
Rev. 03.1, 2009-02-20
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com