Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA212001F Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTFA212001F
Description  Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA212001F Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTFA212001F Datasheet HTML 3Page - Infineon Technologies AG PTFA212001F Datasheet HTML 4Page - Infineon Technologies AG PTFA212001F Datasheet HTML 5Page - Infineon Technologies AG PTFA212001F Datasheet HTML 6Page - Infineon Technologies AG PTFA212001F Datasheet HTML 7Page - Infineon Technologies AG PTFA212001F Datasheet HTML 8Page - Infineon Technologies AG PTFA212001F Datasheet HTML 9Page - Infineon Technologies AG PTFA212001F Datasheet HTML 10Page - Infineon Technologies AG PTFA212001F Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
8 of 11
Rev. 05.1, 2009-02-24
PTFA212001E
PTFA212001F
Confidential, Limited Internal Distribution
Reference Circuit (cont.)
Reference circuit assembly diagram* (not to scale)
Component
Description
Suggested Manufacturer
P/N or Comment
C1, C2, C3
Capacitor, 0.001 µF
Digi-Key
PCC1772CT-ND
C4, C10
Capacitor, 4.7 µF, 16 V
Digi-Key
PCS3475CT-ND
C5, C11, C17, C23
Capacitor, 0.1 µF
Digi-Key
PCC104BCT-ND
C6, C12
Ceramic capacitor, 7.5 pF
ATC
100B 7R5
C7, C13, C19, C29
Ceramic capacitor, 8.2 pF
ATC
100B 8R2
C8
Ceramic capacitor, 0.2 pF
ATC
600S 0R2 BT
C9
Ceramic capacitor, 0.9 pF
ATC
600A 0R9 BT
C14, C20
Capacitor, 2.2 µF
Digi-Key
445-1474-2-ND
C15, C16, C21, C22
Ceramic capacitor, 1 µF
Digi-Key
445-1411-2-ND
C18, C24
Tantalum capacitor, 10 µF, 50 V
Garrett Electronics
TPSE106K050R0400
C25, C26
Ceramic capacitor, 0.4 pF
ATC
100B 0R4
C27, C28
Ceramic capacitor, 0.5 pF
ATC
100B 0R5
L1, L2
Ferrite, 8.9 mm
Elna Magnetics
BDS 4.6/3/8.9-4S2
Q1
Transistor
Infineon Technologies
BCP56
QQ1
Voltage regulator
National Semiconductor
LM7805
R1
Chip resistor 1.2 k-ohms
Digi-Key
P1.2KGCT-ND
R2
Chip resistor 1.3 k-ohms
Digi-Key
P1.3KGCT-ND
R3, R5
Chip resistor 2 k-ohms
Digi-Key
P2KECT-ND
R4
not used
R6, R7
Chip resistor 5.1 k-ohms
Digi-Key
P5.1KECT-ND
R8
Potentiometer 2 k-ohms
Digi-Key
3224W-202ETR-ND
* Gerber Files for this circuit available on request
R3
C5 R6
R5
C6
C11 C12
C10
C8
C9
C4
C7
R7
C25
C27
C28
C26
C17
C23
C29
C21
C19
C20
C13
C16
C14
R8
C1
C3
C2
R2
R1
A212001IN_01
RO4350_.030
A212001out_01
RO4350_.030
a212001ef_assy
RF_IN
RF_OUT
L1
VDD
VDD
VDD
Q1
QQ1
L2
C24
C18
C15
C22


Similar Part No. - PTFA212001F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
More results

Similar Description - PTFA212001F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com