Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB08CN10NG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB08CN10NG
Description  OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB08CN10NG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB08CN10NG_10 Datasheet HTML 1Page - Infineon Technologies AG IPB08CN10NG_10 Datasheet HTML 2Page - Infineon Technologies AG IPB08CN10NG_10 Datasheet HTML 3Page - Infineon Technologies AG IPB08CN10NG_10 Datasheet HTML 4Page - Infineon Technologies AG IPB08CN10NG_10 Datasheet HTML 5Page - Infineon Technologies AG IPB08CN10NG_10 Datasheet HTML 6Page - Infineon Technologies AG IPB08CN10NG_10 Datasheet HTML 7Page - Infineon Technologies AG IPB08CN10NG_10 Datasheet HTML 8Page - Infineon Technologies AG IPB08CN10NG_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPB08CN10N G
IPI08CN10N G IPP08CN10N G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
0.9
K/W
R thJA
minimal footprint
-
-
62
6 cm2 cooling area
5)
--
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=130 µA
234
Zero gate voltage drain current
I DSS
V DS=100 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=100 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=95 A,
(TO263)
-
6.1
8.2
m
V GS=10 V, I D=95 A,
(TO220, TO262)
-
6.4
8.5
Gate resistance
R G
-
1.5
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=95 A
57
113
-
S
Values
2) See figure 3
Thermal resistance, junction
4) -
ambient (TO220, TO262, TO263)
1)J-STD20 and JESD22
3) T
jmax=150 °C and duty cycle D=0.01 for Vgs<-5V
4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev. 1.08
page 2
2010-04-26


Similar Part No. - IPB08CN10NG_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB08CN10NG INFINEON-IPB08CN10NG Datasheet
527Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.02 2006-06-02
More results

Similar Description - IPB08CN10NG_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N15N3 INFINEON-IPB200N15N3 Datasheet
556Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.05 2010-04-28
IPB072N15N3G INFINEON-IPB072N15N3G Datasheet
424Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.06 2010-04-19
IPP086N10N3G INFINEON-IPP086N10N3G Datasheet
480Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.5 2010-07-16
IPB107N20N3G INFINEON-IPB107N20N3G Datasheet
452Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-21
IPP023NE7N3G INFINEON-IPP023NE7N3G Datasheet
466Kb / 10P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.11 2009-11-11
IPB108N15N3G INFINEON-IPB108N15N3G Datasheet
438Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.1 2009-12-01
IPP028N08N3G INFINEON-IPP028N08N3G Datasheet
463Kb / 10P
   OptiMOS짰3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.0 2008-01-25
IPB600N25N3G INFINEON-IPB600N25N3G Datasheet
426Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-23
logo
Shanghai Leiditech Elec...
LMP0218G LEIDITECH-LMP0218G Datasheet
1Mb / 6P
   Excellent gate charge x RDS(on) product(FOM)
logo
Infineon Technologies A...
IPP16CN10N INFINEON-IPP16CN10N Datasheet
624Kb / 12P
   OptiMOS짰2 Power-Transistor Excellent gate charge x RDS(on) product (FOM)
Rev. 1.01 2006-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com