Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD24VS2U Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ESD24VS2U
Description  Silicon TVS diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD24VS2U Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ESD24VS2U Datasheet HTML 2Page - Infineon Technologies AG ESD24VS2U Datasheet HTML 3Page - Infineon Technologies AG ESD24VS2U Datasheet HTML 4Page - Infineon Technologies AG ESD24VS2U Datasheet HTML 5Page - Infineon Technologies AG ESD24VS2U Datasheet HTML 6Page - Infineon Technologies AG ESD24VS2U Datasheet HTML 7Page - Infineon Technologies AG ESD24VS2U Datasheet HTML 8Page - Infineon Technologies AG ESD24VS2U Datasheet HTML 9Page - Infineon Technologies AG ESD24VS2U Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2009-02-18
9
ESD24VS2U
Package SOT23
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
EH
s
BCW66
Type code
Pin 1
0.8
0.8
1.2
0.25 M BC
1.9
-0.05
+0.1
0.4
±0.1
2.9
0.95
C
B
0...8˚
0.2
A
0.1 MAX.
0.08...0.15
M
±0.1
1
A
1)
1) Lead width can be 0.6 max. in dambar area
12
3
3.15
4
0.9
0.2
1.15
Pin 1
Manufacturer
2005, June
Date code (YM)


Similar Part No. - ESD24VS2U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
624Kb / 10P
   Silicon TVS diodes
2011-12-05
ESD24VS2U INFINEON-ESD24VS2U_11 Datasheet
624Kb / 10P
   Silicon TVS diodes
2011-12-05
More results

Similar Description - ESD24VS2U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V0S INFINEON-ESD5V0S Datasheet
153Kb / 8P
   Silicon TVS Diodes
2007-12-07
ESD24VS2U INFINEON-ESD24VS2U_11 Datasheet
624Kb / 10P
   Silicon TVS diodes
2011-12-05
DSL70 INFINEON-DSL70 Datasheet
797Kb / 6P
   Silicon TVS diodes Array
2009-03-11
DSL70 INFINEON-DSL70_11 Datasheet
799Kb / 6P
   Silicon TVS diodes Array
2011-06-17
logo
Diotec Semiconductor
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
   Bidirectional TVS Diodes
logo
Yea Shin Technology Co....
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
   Unidirectional TVS Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com