Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP085N06LG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPP085N06LG
Description  OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP085N06LG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPP085N06LG Datasheet HTML 1Page - Infineon Technologies AG IPP085N06LG Datasheet HTML 2Page - Infineon Technologies AG IPP085N06LG Datasheet HTML 3Page - Infineon Technologies AG IPP085N06LG Datasheet HTML 4Page - Infineon Technologies AG IPP085N06LG Datasheet HTML 5Page - Infineon Technologies AG IPP085N06LG Datasheet HTML 6Page - Infineon Technologies AG IPP085N06LG Datasheet HTML 7Page - Infineon Technologies AG IPP085N06LG Datasheet HTML 8Page - Infineon Technologies AG IPP085N06LG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPB085N06L G
IPP085N06L G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
0.8
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area3)
--
40
Electrical characteristics,
at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
60
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=125 µA
1.2
1.6
2
Zero gate voltage drain current
I DSS
V DS=60 V, V GS=0 V,
T j=25 °C
-
0.01
1
µA
V DS=60 V, V GS=0 V,
T j=125 °C
-
1
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=60 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=80 A
-
7.0
8.5
m
Ω
V GS=4.5 V, I D=53 A
-
8.7
12
V GS=10 V, I D=80 A,
SMD version
6.7
8.2
V GS=4.5 V, I D=53 A,
SMD version
8.4
11.7
Gate resistance
R G
-
2.3
-
Ω
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=80 A
54
107
-
S
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev. 1.05
page 2
2010-01-19


Similar Part No. - IPP085N06LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP085N06LG INFINEON-IPP085N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-13
More results

Similar Description - IPP085N06LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP050N06NG INFINEON-IPP050N06NG Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.16 2010-01-14
IPB065N06LG INFINEON-IPB065N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.5 2010-01-18
IPP048N06LG INFINEON-IPP048N06LG_10 Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.15 2010-01-13
IPD800N06NG INFINEON-IPD800N06NG_08 Datasheet
524Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev.1.3 2008-09-01
IPD127N06LG INFINEON-IPD127N06LG_08 Datasheet
538Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.2 2008-07-22
IPD350N06LG INFINEON-IPD350N06LG_08 Datasheet
534Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.3 2008-09-01
IPD640N06LG INFINEON-IPD640N06LG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.4 2008-09-01
IPB037N06N3G INFINEON-IPB037N06N3G Datasheet
484Kb / 11P
   OptiMOS?? Power-Transistor Features for sync. rectification, drives and dc/dc SMPS
Rev. 1.03 2009-12-17
IPD230N06NG INFINEON-IPD230N06NG_08 Datasheet
520Kb / 9P
   OptiMOS짰 Power-Transistor Features For dc/dc converters and sync. rectification
Rev. 1.2 2008-09-01
IPB021N06N3G INFINEON-IPB021N06N3G Datasheet
483Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com