Electronic Components Datasheet Search |
|
IPT0406-05B Datasheet(PDF) 1 Page - IP SEMICONDUCTOR CO., LTD. |
|
IPT0406-05B Datasheet(HTML) 1 Page - IP SEMICONDUCTOR CO., LTD. |
1 / 4 page IP Semiconductor Co., Ltd. IPT0406-xxB High current density due to double mesa technology; SIPOS and Glass Passivation. IPT0406-xx series are suitable for general purpose AC Switching. They can be used as an ON/OFF function In application such as static relays, heating regulation, Induction motor stating circuits… or for phase Control operation light dimmers, motor speed Controllers. IPT0406-xx series is 3 Quadrants triacs, This is specially recommended for use on inductive Loads.. Symbol Value Unit IT(RMS) 4 A VDRM / VRRM 600 V IGT 5 to 35 mA MAIN FEATURES Parameter Symbol Value Unit Storage Junction Temperature Range Operating Junction Temperature Range Tstg Tj -40 to +150 -40 to +125 ℃ Repetitive Peak Off-state Voltage Tj = 25℃ Repetitive Peak Reverse Voltage VDRM VRRM 600 600 V Non Repetitive Peak Off-state Voltage Tj = 25℃ Non Repetitive Peak Reverse Voltage VDSM VRSM 700 700 V RMS on –state current Tc =105℃ (Full sine wave) IT(RMS) 4 A Non repetitive surge peak on –state Current f = 60Hz t = 16.7ms (full cycle, Tj = 25℃) f = 50 Hz t = 20ms ITSM 38 35 A I²t Value for fusing tp = 10ms I²t 6 A²s Critical Rate of rise of on-state current IG = 2xIGT, tr ≤ 100ns, f = 120Hz, Tj = 125 ℃ dI / dt 50 A/us Peak gate current tp = 20us, Tj = 125 ℃ IGM 4 A Average gate power dissipation Tj = 125 ℃ PG(AV) 1 W ABSOLUTE MAXIMUM RATINGS 1 TO-220B 4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea TEL : +82-70 - 7574 - 2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com |
Similar Part No. - IPT0406-05B |
|
Similar Description - IPT0406-05B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |