Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB080N06NG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB080N06NG
Description  OptiMOS??Power-Transistor Features Low gate charge for fast switching applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB080N06NG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB080N06NG Datasheet HTML 1Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 2Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 3Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 4Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 5Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 6Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 7Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 8Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPB080N06N G
IPP080N06N G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
0.7
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area3)
--
40
Electrical characteristics,
at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
60
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=150 µA
2.1
3.0
4
Zero gate voltage drain current
I DSS
V DS=60 V, V GS=0 V,
T j=25 °C
-
0.01
1
µA
V DS=60 V, V GS=0 V,
T j=125 °C
-
1
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=60 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=80 A,
-
6.5
8
m
Ω
V GS=10 V, I D=80 A,
SMD version
-
6.2
7.7
Gate resistance
R G
-
1.5
-
Ω
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=80 A
47
94
-
S
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev. 1.05
page 2
2010-01-19


Similar Part No. - IPB080N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB080N06NG INFINEON-IPB080N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-05-02
More results

Similar Description - IPB080N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD060N03LG INFINEON-IPD060N03LG Datasheet
526Kb / 12P
   OptiMOS?? Power-Transistor Features Fast switching MOSFET for SMPS
Rev. 2.0 2010-02-23
IPP147N03LG INFINEON-IPP147N03LG Datasheet
446Kb / 10P
   OptiMOS?? Power-Transistor Features Fast switching MOSFET for SMPS
Rev. 2.0 2010-04-27
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM150P04LCS TSC-TSM150P04LCS Datasheet
339Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM088NA03CR TSC-TSM088NA03CR Datasheet
342Kb / 6P
   Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com