Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS50090-1TMA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS50090-1TMA
Description  Smart High-Side Power Switch PROFET짰 One Channel
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50090-1TMA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS50090-1TMA Datasheet HTML 6Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 7Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 8Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 9Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 10Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 11Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 12Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 13Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Smart High-Side Power Switch
BTS50090-1TMA
Power Stages
Datasheet
10
Rev. 1.0, 2008-02-11
Figure 6
Typical On-State Resistance
Figure 7
Typical Output Voltage Drop Limitation
5.3
Output Inductive Clamp
When switching off inductive loads, the output voltage VOUT drops below ground potential due to the involved
inductance ( -d
i
L/dt =-vL/L ; -VOUT -VL ).
0
5
10
15
20
02
468
10
12
R DS(ON)
mΩ
V bb
V
typ.
0
5
10
15
20
-40
0
40
80
120 160
R DS(ON)
mΩ
T j
°C
typ.
Vbb = 12 V
Tj = 25°C
0
0,02
0,04
0,06
0,08
0,1
02
46
8
10
12
V ON
V
I L
A
typ.
V ON ~ I L
V ON ≥ V ON(NL)
Vbb = 12 V
Tj = 25°C


Similar Part No. - BTS50090-1TMA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
More results

Similar Description - BTS50090-1TMA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
   Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS5012SDA INFINEON-BTS5012SDA Datasheet
566Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMA INFINEON-BTS50070-1TMA Datasheet
562Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTF50060-1TEA INFINEON-BTF50060-1TEA Datasheet
1,006Kb / 38P
   Smart High-Side Power Switch, One Channel High PWM Frequencies
Rev. 1.0, June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com