Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB200N25N3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB200N25N3G
Description  OptiMOSTM3 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB200N25N3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB200N25N3G Datasheet HTML 1Page - Infineon Technologies AG IPB200N25N3G Datasheet HTML 2Page - Infineon Technologies AG IPB200N25N3G Datasheet HTML 3Page - Infineon Technologies AG IPB200N25N3G Datasheet HTML 4Page - Infineon Technologies AG IPB200N25N3G Datasheet HTML 5Page - Infineon Technologies AG IPB200N25N3G Datasheet HTML 6Page - Infineon Technologies AG IPB200N25N3G Datasheet HTML 7Page - Infineon Technologies AG IPB200N25N3G Datasheet HTML 8Page - Infineon Technologies AG IPB200N25N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IPB200N25N3 G
IPP200N25N3 G
IPI200N25N3 G
OptiMOSTM3 Power-Transistor
Features
• N-channel, normal level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• 175 °C operating temperature
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC
1) for target application
• Halogen-free according to IEC61249-2-21
• Ideal for high-frequency switching and synchronous rectification
Maximum ratings,
at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
64
A
T C=100 °C
46
Pulsed drain current
2)
I D,pulse
T C=25 °C
256
Avalanche energy, single pulse
E AS
I D=47 A, R GS=25 Ω
320
mJ
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
300
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
2) See figure 3
Value
1)J-STD20 and JESD22
V DS
250
V
R DS(on),max
20
m
Ω
I D
64
A
Product Summary
Type
IPB200N25N3 G
IPP200N25N3 G
IPI200N25N3 G
Package
PG-TO263-3
PG-TO220-3
PG-TO262-3
Marking
200N25N
200N25N
200N25N
Rev. 2.2
page 1
2009-10-23


Similar Part No. - IPB200N25N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
719Kb / 11P
   OptiMOS3 Power-Transistor
Rev. 2.3 2010-10-19
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPB200N25N3G INFINEON-IPB200N25N3G_10 Datasheet
719Kb / 11P
   OptiMOS3 Power-Transistor
Rev. 2.3 2010-10-19
More results

Similar Description - IPB200N25N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com