Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX358AUA-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # LMX358AUA-T
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX358AUA-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button LMX358AUA-T Datasheet HTML 3Page - Maxim Integrated Products LMX358AUA-T Datasheet HTML 4Page - Maxim Integrated Products LMX358AUA-T Datasheet HTML 5Page - Maxim Integrated Products LMX358AUA-T Datasheet HTML 6Page - Maxim Integrated Products LMX358AUA-T Datasheet HTML 7Page - Maxim Integrated Products LMX358AUA-T Datasheet HTML 8Page - Maxim Integrated Products LMX358AUA-T Datasheet HTML 9Page - Maxim Integrated Products LMX358AUA-T Datasheet HTML 10Page - Maxim Integrated Products LMX358AUA-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
_______________________________________________________________________________________
7
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
and RESISTIVE LOAD
LMX321 toc19
FREQUENCY (Hz)
RL = 100kΩ
RL = 600Ω
RL = 600Ω
RL = 100kΩ
VCC = 1.35V, VEE = -1.35V
CL = 0, RL TO VEE
AVCL = 60dB, VOUT = 0V
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND CAPACITIVE LOAD
LMX321 toc20
FREQUENCY (Hz)
CL = 0
VCC = 2.5V, VEE = -2.5V
RL = 600Ω TO VEE
AVCL = 60dB, VOUT = 0V
CL = 500pF
CL = 1nF
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND CAPACITIVE LOAD
LMX321 toc21
FREQUENCY (Hz)
CL = 0
VCC = 2.5V, VEE = -2.5V
RL = 100kΩ TO VEE
AVCL = 60dB, VOUT = 0V
CL = 100pF
CL = 500pF
CL = 1nF
CL = 1nF
CL = 500pF
CL = 100pF
CL = 0
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND TEMPERATURE
LMX321 toc22
FREQUENCY (Hz)
VCC = 2.5V, VEE = -2.5V
RL = 2kΩ TO VEE
AVCL = 60dB, VOUT = 0V
TA = +125°C
TA = -40°C
TA = +25°C
TA = +85°C
TA = -25°C
TA = -40°C
TA = +25°C
TA = +85°C
0
500
1000
1500
2000
2500
3000
3500
4000
100
1k
10k
100k
CAPACITIVE-LOAD STABILITY
LOAD RESISTANCE (Ω)
UNSTABLE
STABLE
0.96
1.00
0.98
1.04
1.02
1.08
1.06
1.10
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
SLEW RATE vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
RISING EDGE
FALLING EDGE
RL = 10kΩ
VIN = 1V STEP, AVCL = +1V/V
NONINVERTING
LARGE-SIGNAL RESPONSE
LMX321 toc25
VIN
1V/div
VOUT
1V/div
1µs/div
RL = 2kΩ
VCC = 5V
NONINVERTING
SMALL-SIGNAL RESPONSE
LMX321 toc26
VIN
100mV/div
VOUT
100mV/div
1µs/div
RL = 2kΩ
VCC = 5V
10
1
0.1
0.01
0.001
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
VCC = 2.7V, AV = +10, VOUT = 1VP-P
VCC = 5V, AV = +10, VOUT = 2.5VP-P
VCC = 2.7V, AV = +1, VOUT = 1VP-P
VCC = 5V, AV = +1, VOUT = 2.5VP-P
Typical Operating Characteristics (continued)
(TA = +25°C, VEE = 0V, unless otherwise noted.)


Similar Part No. - LMX358AUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX358AUA MAXIM-LMX358AUA Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
More results

Similar Description - LMX358AUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
   Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Texas Instruments
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com