Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5012SDA Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS5012SDA
Description  Smart High-Side Power Switch PROFET??One Channel
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5012SDA Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS5012SDA Datasheet HTML 3Page - Infineon Technologies AG BTS5012SDA Datasheet HTML 4Page - Infineon Technologies AG BTS5012SDA Datasheet HTML 5Page - Infineon Technologies AG BTS5012SDA Datasheet HTML 6Page - Infineon Technologies AG BTS5012SDA Datasheet HTML 7Page - Infineon Technologies AG BTS5012SDA Datasheet HTML 8Page - Infineon Technologies AG BTS5012SDA Datasheet HTML 9Page - Infineon Technologies AG BTS5012SDA Datasheet HTML 10Page - Infineon Technologies AG BTS5012SDA Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Datasheet
7
Rev. 1.1, 2008-11-04
Smart High-Side Power Switch
BTS5012SDA
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings 1)
T
j= 25 °C (unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Supply Voltages
4.1.1
Supply voltage
V
bb
-16
38
V
4.1.2
Supply voltage for short circuit protection
(single pulse)2)
2) Short circuit is defined as a combination of remaining resistances and inductances. See Figure 13.
V
bb(SC)
020
V
4.1.3
Supply Voltage for Load Dump
protection3)
3) Load Dump is specified in ISO 7637, RI is the internal resistance of the Load Dump pulse generator.
V
bb(LD)
–45
V
R
I = 2 Ω,
R
L = 1.5 Ω,
Logic Pins
4.1.4
Voltage at input pin
V
bIN
-16
63
V
4.1.5
Current through input pin
I
IN
-140
15
mA
4.1.6
Voltage at current sense pin
V
bIS
-16
63
V
4.1.7
Current through sense pin
I
IS
-140
15
mA
4.1.8
Input voltage slew rate 4)
4) Slew rate limitation can be achieved by means of using a series resistor for the small signal driver or in series in the input
path. A series resistor RIN in the input path is also required for reverse operation at Vbb≤-16V. See also Figure 14.
dV
bIN/dt
-20
20
V/µs
Power Stages
4.1.9
Load current 5)
5) Current limitation is a protection feature. Operation in current limitation is considered as “outside” normal operating range.
Protection features are not designed for continuous repetitive operation.
I
L
-
I
Lx(SC)
A–
4.1.10
Maximum energy dissipation per
channel (single pulse)
E
AS
-0.2
J
V
bb = 12 V,
I
L(0) = 20 A,
T
j(0) = 150 °C
Temperatures
4.1.11
Junction temperature
T
j
-40
150
°C
4.1.12
Storage temperature
T
stg
-55
150
°C
ESD Susceptibility
4.1.13
ESD susceptibility HBM
Pin 2 (IN)
Pin 4 (IS)
Pin1/5 (OUT)
V
ESD
-2
-2
-4
2
2
4
kV
according to
EIA/JESD 22-A
114B


Similar Part No. - BTS5012SDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5012-1EKB INFINEON-BTS5012-1EKB Datasheet
2Mb / 53P
   Smart High-Side Power Switch
Rev. 2.0, 2012-04-17
More results

Similar Description - BTS5012SDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMA INFINEON-BTS50070-1TMA Datasheet
562Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS6123P INFINEON-BTS6123P Datasheet
906Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6123B INFINEON-BTS6123B Datasheet
338Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6142D INFINEON-BTS6142D Datasheet
337Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 12 m?
V1.0, October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com