Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA142401EL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFA142401EL
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 1450 ??1500 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA142401EL Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFA142401EL Datasheet HTML 2Page - Infineon Technologies AG PTFA142401EL Datasheet HTML 3Page - Infineon Technologies AG PTFA142401EL Datasheet HTML 4Page - Infineon Technologies AG PTFA142401EL Datasheet HTML 5Page - Infineon Technologies AG PTFA142401EL Datasheet HTML 6Page - Infineon Technologies AG PTFA142401EL Datasheet HTML 7Page - Infineon Technologies AG PTFA142401EL Datasheet HTML 8Page - Infineon Technologies AG PTFA142401EL Datasheet HTML 9Page - Infineon Technologies AG PTFA142401EL Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet
6 of 10
Rev. 04, 2009-07-16
PTFA142401EL
PTFA142401FL
Confidential, Limited Internal Distribution
R4
2K V
R1
1.2K V
C7
33pF
l
1
DUT
J1
C6
7.5pF
C5
0.1µF
C4
10µF
35V
R7
5.1K V
R6
10 V
C14
10µF
35V
l
2
l
3
l
5
l
6
l
4
C8
4.5pF
C13
0.1µF
C16
1µF
C15
13pF
C19
0.1µF
C18
100µF
50V
C17
1µF
C20
10µF
35V
l
14
C24
1.7pF
R3
2K V
C3
0.001µF
C2
0.001µF
Q1
BCP56
R2
1.3K V
QQ1
LM7805
C1
0.001µF
VDD
R5
10 V
VDD
l 8
l 7
C21
1.7pF
C22
1.7pF
l 9
l 10
L2
l 11
l 12
l 13
C23
33pF
C12
100µF
50V
C10
1µF
C9
13pF
C11
1µF
L1
Circuit Assembly Information
DUT
PTFA142401EL or PTFA142401FL
LDMOS Transistor
PCB
0.76 mm [.030"] thick,
εr = 4.5
TMM4
2 oz. copper
Microstrip
Electrical Characteristics at 1475 MHz
Dimensions: L x W ( mm)
Dimensions: L x W (in.)
l
1
0.038
λ, 53.1, Ω
4.17 x 1.52
0.164 x 0.060
l
2
0.108
λ, 47.5, Ω
11.86 x 1.91
0.467 x 0.075
l
3
0.014
λ, 47.5, Ω
1.57 x 1.91
0.062 x 0.075
l
4
0.012
λ, 16.3, Ω
1.22 x 7.62
0.048 x 0.300
l
5
0.051
λ, 8.9, Ω
5.08 x 15.24
0.200 x 0.600
l
6
0.171
λ, 66.9, Ω
19.10 x 1.02
0.752 x 0.040
l
7, l8
0.177
λ, 60.0, Ω
19.66 x 1.27
0.774 x 0.050
l
9
0.049
λ, 5.0, Ω
4.80 x 27.94
0.189 x 1.100
l
10
0.065
λ, 5.0, Ω
6.38 x 27.94
0.251 x 1.100
l
11
0.059
λ, 10.6, Ω
5.97 x 12.70
0.235 x 0.500
l
12
0.006
λ, 53.1, Ω
0.71 x 1.52
0.028 x 0.060
l
13
0.011
λ, 53.1, Ω
1.19 x 1.52
0.047 x 0.060
l
14
0.046
λ, 53.1, Ω
5.05 x 1.52
0.199 x 0.060
Reference circuit schematic for ƒ = 1475 MHz
Reference Circuit
J2


Similar Part No. - PTFA142401EL

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTFA1015 CELDUC-PTFA1015 Datasheet
468Kb / 2P
   Vertical level sensor
PTFA1103 CELDUC-PTFA1103 Datasheet
494Kb / 2P
   Level sensor
PTFA1104 CELDUC-PTFA1104 Datasheet
498Kb / 2P
   MAGNETIC LEVEL SENSOR
PTFA1210 CELDUC-PTFA1210 Datasheet
510Kb / 2P
   LEVEL SENSOR
logo
Infineon Technologies A...
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
More results

Similar Description - PTFA142401EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF141501E INFINEON-PTF141501E Datasheet
292Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 1450-1500 MHz, 1600-1700 MHz
Rev. 04, 2008-02-13
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTF140451E INFINEON-PTF140451E Datasheet
106Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1450 - 1550 MHz
Rev. 02, 2005-11-01
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
logo
Infineon Technologies A...
PXAC192908FV INFINEON-PXAC192908FV_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAC192908FV CREE-PXAC192908FV Datasheet
525Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
Infineon Technologies A...
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com