Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLI4946-2K Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLI4946-2K
Description  High Precision Hall Effect Latches for Industrial and Consumer Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI4946-2K Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLI4946-2K Datasheet HTML 3Page - Infineon Technologies AG TLI4946-2K Datasheet HTML 4Page - Infineon Technologies AG TLI4946-2K Datasheet HTML 5Page - Infineon Technologies AG TLI4946-2K Datasheet HTML 6Page - Infineon Technologies AG TLI4946-2K Datasheet HTML 7Page - Infineon Technologies AG TLI4946-2K Datasheet HTML 8Page - Infineon Technologies AG TLI4946-2K Datasheet HTML 9Page - Infineon Technologies AG TLI4946-2K Datasheet HTML 10Page - Infineon Technologies AG TLI4946-2K Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Product Name
Product Type
Ordering Code
Package
Hall Effect Latch
TLI4946K
SP000604398
PG-SC59-3-4
Hall Effect Latch
TLI4946-2K
SP000604328
PG-SC59-3-4
Hall Effect Latch
TLI4946-2L
SP000604336
PG-SSO-3-2
High Precision Hall Effect Latch
TLI4946
Datasheet
7
Rev. 1.0, 2009-05-04
1
Product Description
1.1
Overview
The TLI4946xy is a high precision Hall Effect Latch with highly accurate
switching thresholds for ambient operating temperatures up to 125°C.
The TLI4946K and the TLI4946-2K is available in a PG-SC59-3-4
package, the TLI4946-2L in a PG-SSO-3-2 package.
1.2
Features
2.7 V to 18 V supply voltage operation.
Operation from unregulated power supply.
High sensitivity and high stability of the magnetic switching points.
High resistance to mechanical stress by active error compensation.
Reverse battery protection (-18 V).
Superior temperature stability.
Low jitter (typically 1 µs).
High ESD performance (
± 4 kV HBM).
Digital output signal (open-drain).
Not suitable for automotive applications
1.3
Target Applications
The TLI4946xy is ideally suited to detect the rotor position in Brushless DC (BLDC) Motors used in industrial and
consumer applications, such as: air conditioning systems, pumps, washing machines, DVD players, rolling shutter,
etc. The sensor also provides a reliable switching for index counting with small pole wheels and large air gaps.
The TLI4946xy can also be used for index counting.


Similar Part No. - TLI4946-2K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
TLI493D-A2B6 INFINEON-TLI493D-A2B6 Datasheet
487Kb / 21P
   Low Power 3D Hall Sensor with I2C Interface
Ver. 1.3 2019-04-09
TLI493D-W2BW INFINEON-TLI493D-W2BW Datasheet
1Mb / 23P
   Low power 3D Hall sensor with I2C interface and Wake-Up function
V1.00 2020-07-21
TLI4961-1L INFINEON-TLI4961-1L Datasheet
1Mb / 21P
   Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
TLI4961-1M INFINEON-TLI4961-1M Datasheet
1Mb / 21P
   Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
More results

Similar Description - TLI4946-2K

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290 ALLEGRO-A3290 Datasheet
245Kb / 8P
   Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
APS12202 ALLEGRO-APS12202 Datasheet
2Mb / 12P
   Chopper-Stabilized, Precision Hall-Effect Latches for Automotive, Consumer, and Industrial Applications
March 15, 2023
logo
Infineon Technologies A...
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
logo
Allegro MicroSystems
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
   Precision Hall-Effect Switch for Consumer and Industrial Applications
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com