Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLI4946 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLI4946
Description  High Precision Hall Effect Latches for Industrial and Consumer Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI4946 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLI4946 Datasheet HTML 7Page - Infineon Technologies AG TLI4946 Datasheet HTML 8Page - Infineon Technologies AG TLI4946 Datasheet HTML 9Page - Infineon Technologies AG TLI4946 Datasheet HTML 10Page - Infineon Technologies AG TLI4946 Datasheet HTML 11Page - Infineon Technologies AG TLI4946 Datasheet HTML 12Page - Infineon Technologies AG TLI4946 Datasheet HTML 13Page - Infineon Technologies AG TLI4946 Datasheet HTML 14Page - Infineon Technologies AG TLI4946 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TLI4946
Specification
Datasheet
11
Rev. 1.0, 2009-05-04
3
Specification
3.1
Application circuit
Figure 5
Application circuit
It is recommended to use a resistor of 200
Ω in the supply line for current limitation in the case of an overvoltage
pulse. Two capacitors of 4.7 nF enhance the EMC performance. The pull-up of 1.2 k
Ω limits the current through
the output transistor.
3.2
Absolute Maximum Ratings
Stress above the maximum values listed in this section may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect the reliability of the device. Exceeding only
one of these values may cause irreversible damage to the device.
Table 3
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Ambient Temperature
T
A
- 40
125
°C
Maximum Junction Temperature
T
J
- 40
150
°C
Supply Voltage
V
S
- 18
18
V
Supply current through protection
device
I
S
-50
50
mA
Output Voltage
V
OUT
- 0.7
18
V
Storage Temperature
T
S
- 40
150
°C
Magnetic flux density
B
unlimited
mT
ESD Robustness HBM:
1.5 k
Ω, 100 pF
V
ESD,HBM
1)
1) According to EIA/JESD22-A114-E
––
4
kV
VS
Q
GND
200
VS
GND
Q


Similar Part No. - TLI4946

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
TLI493D-A2B6 INFINEON-TLI493D-A2B6 Datasheet
487Kb / 21P
   Low Power 3D Hall Sensor with I2C Interface
Ver. 1.3 2019-04-09
TLI493D-W2BW INFINEON-TLI493D-W2BW Datasheet
1Mb / 23P
   Low power 3D Hall sensor with I2C interface and Wake-Up function
V1.00 2020-07-21
TLI4961-1L INFINEON-TLI4961-1L Datasheet
1Mb / 21P
   Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
TLI4961-1M INFINEON-TLI4961-1M Datasheet
1Mb / 21P
   Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
More results

Similar Description - TLI4946

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290 ALLEGRO-A3290 Datasheet
245Kb / 8P
   Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
APS12202 ALLEGRO-APS12202 Datasheet
2Mb / 12P
   Chopper-Stabilized, Precision Hall-Effect Latches for Automotive, Consumer, and Industrial Applications
March 15, 2023
logo
Infineon Technologies A...
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
logo
Allegro MicroSystems
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
   Precision Hall-Effect Switch for Consumer and Industrial Applications
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com