Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS139 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSS139
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS139 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSS139 Datasheet HTML 1Page - Infineon Technologies AG BSS139 Datasheet HTML 2Page - Infineon Technologies AG BSS139 Datasheet HTML 3Page - Infineon Technologies AG BSS139 Datasheet HTML 4Page - Infineon Technologies AG BSS139 Datasheet HTML 5Page - Infineon Technologies AG BSS139 Datasheet HTML 6Page - Infineon Technologies AG BSS139 Datasheet HTML 7Page - Infineon Technologies AG BSS139 Datasheet HTML 8Page - Infineon Technologies AG BSS139 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BSS139
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=0.015 A; V GS=0 V
V GS(th)=f(T j); V DS=3 V; I D=56 µA
parameter: I D
11 Threshold voltage bands
12 Typ. capacitances
I D=f(V GS); V DS=3 V; T j=25 °C
C =f(V DS); V GS=-3 V; f =1 MHz
56 µA
J
K
L
M
N
0.01
0.1
1
10
-2
-1.5
-1
-0.5
V GS [V]
typ
%98
0
10
20
30
40
50
60
-60
-20
20
60
100
140
180
T j [°C]
typ
%98
%2
-3
-2.5
-2
-1.5
-1
-0.5
0
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
1
10
100
1000
0
5
10
15
20
25
30
V DS [V]
Rev. 1.
7
page 6
200
9-08-18


Similar Part No. - BSS139

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS139 SIEMENS-BSS139 Datasheet
330Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
logo
Infineon Technologies A...
BSS139 INFINEON-BSS139 Datasheet
221Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.0 2003-04-03
logo
AiT Semiconductor Inc.
BSS139D AITSEMI-BSS139D Datasheet
645Kb / 6P
   POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
logo
Infineon Technologies A...
BSS139I INFINEON-BSS139I Datasheet
1Mb / 10P
   Small-Signal Transistor
2021-03-17 revision:2.1
logo
AiT Semiconductor Inc.
BSS139W AITSEMI-BSS139W Datasheet
641Kb / 6P
   POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
More results

Similar Description - BSS139

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com