Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP040N06N3G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP040N06N3G
Description  OptiMOS?? Power-Transistor Features for sync. rectification, drives and dc/dc SMPS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP040N06N3G Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP040N06N3G Datasheet HTML 1Page - Infineon Technologies AG IPP040N06N3G Datasheet HTML 2Page - Infineon Technologies AG IPP040N06N3G Datasheet HTML 3Page - Infineon Technologies AG IPP040N06N3G Datasheet HTML 4Page - Infineon Technologies AG IPP040N06N3G Datasheet HTML 5Page - Infineon Technologies AG IPP040N06N3G Datasheet HTML 6Page - Infineon Technologies AG IPP040N06N3G Datasheet HTML 7Page - Infineon Technologies AG IPP040N06N3G Datasheet HTML 8Page - Infineon Technologies AG IPP040N06N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IPB037N06N3 G
IPI040N06N3 G
IPP040N06N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
8000
11000 pF
Output capacitance
C oss
-
1700
2300
Reverse transfer capacitance
C rss
-58
87
Turn-on delay time
t d(on)
-30-
ns
Rise time
t r
-70-
Turn-off delay time
t d(off)
-40-
Fall time
t f
-5
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-42-
nC
Gate to drain charge
Q gd
-9
-
Switching charge
Q sw
-27-
Gate charge total
Q g
-98-
Gate plateau voltage
V plateau
-
5.3
-
V
Output charge
Q oss
V DD=30 V, V GS=0 V
-79-
nC
Reverse Diode
Diode continous forward current
I S
-
-
90
A
Diode pulse current
I S,pulse
-
-
360
Diode forward voltage
V SD
V GS=0 V, I F=90 A,
T j=25 °C
-
0.97
1.2
V
Reverse recovery time
t rr
-
125
-
ns
Reverse recovery charge
Q rr
-
110
-
nC
5) See figure 16 for gate charge parameter definition
V R=30 V, IF=50A,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=30 V,
f
=1 MHz
V DD=30 V, V GS=10 V,
I D=90 A, R G=3.5 Ω
V DD=30 V, I D=90 A,
V GS=0 to 10 V
Rev. 1.03
page 3
2009-12-17


Similar Part No. - IPP040N06N3G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP040N06N3 ISC-IPP040N06N3 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPP040N06N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD230N06NG INFINEON-IPD230N06NG_08 Datasheet
520Kb / 9P
   OptiMOS짰 Power-Transistor Features For dc/dc converters and sync. rectification
Rev. 1.2 2008-09-01
IPP050N06NG INFINEON-IPP050N06NG Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.16 2010-01-14
IPB085N06LG INFINEON-IPB085N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.05 2010-01-19
IPB065N06LG INFINEON-IPB065N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.5 2010-01-18
IPP048N06LG INFINEON-IPP048N06LG_10 Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.15 2010-01-13
IPD800N06NG INFINEON-IPD800N06NG_08 Datasheet
524Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev.1.3 2008-09-01
IPD127N06LG INFINEON-IPD127N06LG_08 Datasheet
538Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.2 2008-07-22
IPD350N06LG INFINEON-IPD350N06LG_08 Datasheet
534Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.3 2008-09-01
IPD640N06LG INFINEON-IPD640N06LG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.4 2008-09-01
IPF135N03LG INFINEON-IPF135N03LG Datasheet
536Kb / 12P
   OptiMOS 3 Power-Transistor Features Optimized technology for DC/DC converters
Rev. 1.0 2006-10-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com