Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA212401E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFA212401E
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA212401E Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFA212401E Datasheet HTML 1Page - Infineon Technologies AG PTFA212401E Datasheet HTML 2Page - Infineon Technologies AG PTFA212401E Datasheet HTML 3Page - Infineon Technologies AG PTFA212401E Datasheet HTML 4Page - Infineon Technologies AG PTFA212401E Datasheet HTML 5Page - Infineon Technologies AG PTFA212401E Datasheet HTML 6Page - Infineon Technologies AG PTFA212401E Datasheet HTML 7Page - Infineon Technologies AG PTFA212401E Datasheet HTML 8Page - Infineon Technologies AG PTFA212401E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
5 of 11
Rev. 04, 2009-10-05
PTFA212401E
PTFA212401F
Confidential, Limited Internal Distribution
Typical Performance (cont.)
Power Gain vs. Power Sweep (CW) over
Temperature
VDD = 30 V, IDQ = 1500 mA, ƒ = 2140 MHz
12
13
14
15
16
17
18
1
10
100
1000
Output Power (W)
-15C
25C
85C
Two-carrier WCDMA Drive-up
VDD = 30 V, IDQ = 1600 mA, ƒ = 2140 MHz,
3GPP WCDMA signal, PAR = 8 dB,
10 MHz carrier spacing
-55
-50
-45
-40
-35
-30
-25
34
36
38
40
42
44
46
48
Output Power, avg. (dBm)
5
10
15
20
25
30
35
ACPR
Efficiency
IM3
Two-tone Drive-up
VDD = 30 V, IDQ = 1600 mA,
ƒ = 2140 MHz, tone spacing = 1 MHz
-65
-60
-55
-50
-45
-40
-35
-30
-25
44
46
48
50
52
54
Output Power, PEP (dBm)
10
15
20
25
30
35
40
45
50
IM5
Efficiency
IM7
IM3
Output Peak-to-Average Ratio Compression
(PARC) at various Power Levels
VDD = 30 V, IDQ = 1600 mA, ƒ = 2170 MHz,
single-carrier WCDMA input PAR = 7.5 dB
0.001
0.01
0.1
1
10
100
1
2
3
4
5
6
7
8
Peak-to-Average (dB)
52 dBm
51 dBm
50 dBm
48 dBm
46 dBm
Input


Similar Part No. - PTFA212401E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFA212001F INFINEON-PTFA212001F Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
More results

Similar Description - PTFA212401E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
logo
Cree, Inc
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com