Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS23364DJTRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS23364DJTRPBF
Description  HIGH VOLTAGE 3 PHASE GATE DRIVER IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS23364DJTRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS23364DJTRPBF Datasheet HTML 1Page - International Rectifier IRS23364DJTRPBF Datasheet HTML 2Page - International Rectifier IRS23364DJTRPBF Datasheet HTML 3Page - International Rectifier IRS23364DJTRPBF Datasheet HTML 4Page - International Rectifier IRS23364DJTRPBF Datasheet HTML 5Page - International Rectifier IRS23364DJTRPBF Datasheet HTML 6Page - International Rectifier IRS23364DJTRPBF Datasheet HTML 7Page - International Rectifier IRS23364DJTRPBF Datasheet HTML 8Page - International Rectifier IRS23364DJTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
IRS2336x(D) Family
www.irf.com
© 2009 International Rectifier
5
Qualification Information
Industrial
††
Qualification Level
Comments: This family of ICs has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
SOIC28W
MLPQ7X7
MSL3
†††, 260°C
(per IPC/JEDEC J-STD-020)
PLCC44
MSL3
†††, 245°C
(per IPC/JEDEC J-STD-020)
Moisture Sensitivity Level
PDIP28
Not applicable
(non-surface mount package style)
Human Body Model
Class 2
(per JEDEC standard JESD22-A114)
Machine Model
Class B
(per EIA/JEDEC standard EIA/JESD22-A115)
ESD
Charged Device Model
††††
Class IV
(per JEDEC standard JESD22-C101)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here.
Please contact your
International Rectifier sales representative for further information.
†††† Charged Device Model classification is based on SOIC28W package.


Similar Part No. - IRS23364DJTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS23364DJTRPBF IRF-IRS23364DJTRPBF Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS23364DJTRPBF INFINEON-IRS23364DJTRPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
More results

Similar Description - IRS23364DJTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
International Rectifier
IRS26310DJPBF IRF-IRS26310DJPBF Datasheet
1Mb / 41P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC WITH DC BUS
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com