Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPLDIM4E Datasheet(PDF) 3 Page - International Rectifier

Part # IRPLDIM4E
Description  Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM4E Datasheet(HTML) 3 Page - International Rectifier

  IRPLDIM4E Datasheet HTML 1Page - International Rectifier IRPLDIM4E Datasheet HTML 2Page - International Rectifier IRPLDIM4E Datasheet HTML 3Page - International Rectifier IRPLDIM4E Datasheet HTML 4Page - International Rectifier IRPLDIM4E Datasheet HTML 5Page - International Rectifier IRPLDIM4E Datasheet HTML 6Page - International Rectifier IRPLDIM4E Datasheet HTML 7Page - International Rectifier IRPLDIM4E Datasheet HTML 8Page - International Rectifier IRPLDIM4E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.irf.com
- 3 -
RD0801
3. Electrical Characteristics
Parameter
Units
Dimming Level
Value
Lamp Type
26W CFL
100%
25
Input Power
[W]
10%
9
100%
180
Input Current
[mArms]
10%
78
100%
320
Lamp Running Voltage
[Vpp]
10%
480
100%
271
Lamp Running Current
[mArms]
10%
26
Start Frequency
[kHz]
115
100%
42
Run Frequency
[kHz]
10%
68
Preheat Time
[s]
1
Input AC Voltage Range
[VACrms]
200 - 250
Ballast turn-off voltage
[VACrms]
85
TABLE 3.1: Ballast Parameters.
The lamp running voltage at 100% dimming level is not perfectly sinusoidal and
has some distortion.
4. Fault Protection Characteristics
Fault
Protection
Ballast
Restart Operation
Brown-out
Non-ZVS
Increase
frequency
Line voltage
increase
Upper filament broken
Crest Factor Over Current
Deactivates
Lamp exchange
Lower filament broken
Crest Factor Over Current
Deactivates
Lamp exchange
Lamp removed
Crest Factor Over Current
Deactivates
Lamp inserted
Failure to ignite
VVCOFLT+
Deactivates
Lamp exchange
No lamp
VLOSD-
Does not
start
Lamp inserted
End of life
Crest Factor Over Current
Deactivates
Lamp exchange
TABLE 4.1: Fault Protections Characteristics.


Similar Part No. - IRPLDIM4E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM1 IRF-IRPLDIM1 Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
   Digitally Addressable DALI Dimming Ballast Reference Design
logo
International Rectifier
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
   Digital Dimming DALI Ballast for 36W/T8 220V input
More results

Similar Description - IRPLDIM4E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM5E IRF-IRPLDIM5E Datasheet
506Kb / 17P
   4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
IRPLCFL8U IRF-IRPLCFL8U Datasheet
609Kb / 27P
   Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com