Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMD26310DJ Datasheet(PDF) 1 Page - International Rectifier

Part # IRMD26310DJ
Description  3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMD26310DJ Datasheet(HTML) 1 Page - International Rectifier

  IRMD26310DJ Datasheet HTML 1Page - International Rectifier IRMD26310DJ Datasheet HTML 2Page - International Rectifier IRMD26310DJ Datasheet HTML 3Page - International Rectifier IRMD26310DJ Datasheet HTML 4Page - International Rectifier IRMD26310DJ Datasheet HTML 5Page - International Rectifier IRMD26310DJ Datasheet HTML 6Page - International Rectifier IRMD26310DJ Datasheet HTML 7Page - International Rectifier IRMD26310DJ Datasheet HTML 8Page - International Rectifier IRMD26310DJ Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
24 July 2008
Rev 1.3
© 2008 International Rectifier
Data Sheet No. PD60359
IRMD26310DJ
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRS26310DJ GATE DRIVER IC FEATURES
Drives up to six IGBT/MOSFET power devices
Gate drive supplies up to 20 V per channel
Integrated bootstrap functionality
DC bus sensing with Over Voltage protection
Over-current protection
Over-temperature shutdown input
Advanced input filter
Integrated deadtime protection
Shoot-through (cross-conduction) protection
Under voltage lockout for VCC & VBS
Enable/disable input and fault reporting
Adjustable fault clear timing
Separate logic and power grounds
3.3 V input logic compatible
Tolerant to negative transient voltage
Designed for use with bootstrap power supplies
Matched propagation delays for all channels
REFERENCE DESIGN FEATURES
Complete 3-phase ac motor drive system to
showcase IRS26310DJ gate driver IC operation
No extra hardware needed for PWM signal
generation; Option to incorporate external PWM
signals to drive IRS26310DJ if desired
GUI software for running Induction Motor in open
loop Volts-per-Hertz mode of operation
Discrete IGBT power stage for maximum flexibility
o
IGBT’s rated for 10A @100
oC
o
Short circuit rating 10 µs
o
TO220 Full-pak package
Conveniently located Test points for IRS26310DJ
signal monitoring
Product Summary
AC input Voltage (typ.)
220 V rms
Continuous motor current
3 A rms
dV/dt
5 kV/µs
Bus over voltage protection (typ.)
386 V
Continuous output power
400 W
Overview
The IRMD26310DJ is a reference design kit for the IRS26310DJ three phase gate driver IC with integrated
bootstrap functionality and DC bus overvoltage protection. The design kit includes a complete drive system board
with an input rectifier, control power supplies, digital motor control IC and power inverter. Safety features include
protections against motor line-to-line, line-to-DC Bus(-) short situations & DC bus overvoltage conditions. The
power stage features the IRS26310DJ gate driver and six discrete IGBT power switches allowing for easy
customization. The included PC based GUI software allows the user to drive an Induction Motor in open-loop
Volts-per-Hertz mode of operation using the on-board digital control IC. The motor speed and system parameters
such as PWM frequency and deadtime can be modified using the GUI. Alternately, the IRS26310DJ gate drive
input PWM signals can be supplied externally by patching in signals through an on-board connector.


Similar Part No. - IRMD26310DJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD22141SS IRF-IRMD22141SS Datasheet
1Mb / 22P
   Demo Board For 3-phase / 380V motor drives
IRMD2214SS IRF-IRMD2214SS Datasheet
1Mb / 22P
   For 3-phase / 380V motor drives
IRMD2231Q IRF-IRMD2231Q Datasheet
791Kb / 25P
   Demo Board For 3-phase / 380V motor drives
IRMD22381Q IRF-IRMD22381Q Datasheet
803Kb / 25P
   Optional on-board phase shunt resistors
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
More results

Similar Description - IRMD26310DJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMDAC3 IRF-IRMDAC3 Datasheet
97Kb / 9P
   Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
International Rectifier
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com