Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP20N65C3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPP20N65C3
Description  New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP20N65C3 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPP20N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPP20N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPP20N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPP20N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPP20N65C3 Datasheet HTML 9Page - Infineon Technologies AG SPP20N65C3 Datasheet HTML 10Page - Infineon Technologies AG SPP20N65C3 Datasheet HTML 11Page - Infineon Technologies AG SPP20N65C3 Datasheet HTML 12Page - Infineon Technologies AG SPP20N65C3 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
200
9-12-01
Rev. 3.
1
Page 9
SPP20N65C3, SPA20N65C3
SPI20N65C3
17 Typ. switching losses
E = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=3.6
0
3
6
9
12
15
A
21
ID
0
0.01
0.02
0.03
0.04
0.05
0.06
mWs
0.08
Eon*
Eoff
*) Eon includes SPD06S60 diode
commutation losses
18 Typ. switching losses
E = f(RG), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V,ID=11A
0
5
10
15
20
25
30
40
RG
0
0.05
0.1
0.15
0.2
0.25
0.3
mWs
0.4
Eon*
Eoff
*) Eon includes SPD06S60 diode
commutation losses
19 Avalanche SOA
IAR = f (tAR)
par.: Tj 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
A
7
Tj(Start)=25°C
Tj(Start)=125°C
20 Avalanche energy
EAS = f (Tj)
par.: ID = 3.5 A, VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
100
200
300
400
500
mJ
700


Similar Part No. - SPP20N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP20N65C3 INFINEON-SPP20N65C3 Datasheet
784Kb / 14P
   Cool MOS??Power Transistor
2003-08-15
SPP20N65C3 INFINEON-SPP20N65C3 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Rev. 3.0 2007-08-30
logo
Inchange Semiconductor ...
SPP20N65C3 ISC-SPP20N65C3 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP20N65C3 INFINEON-SPP20N65C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Rev. 3.0 2007-08-30
More results

Similar Description - SPP20N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N60C3 INFINEON-SPP04N60C3_09 Datasheet
594Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP15N60C3 INFINEON-SPP15N60C3_09 Datasheet
689Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
SPP07N60C3 INFINEON-SPP07N60C3_09 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
SPP03N60C3 INFINEON-SPP03N60C3_09 Datasheet
599Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP04N60S5 INFINEON-SPP04N60S5_07 Datasheet
1,001Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.6 2007-08-30
SPW11N80C3 INFINEON-SPW11N80C3_08 Datasheet
684Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPB07N60C3 INFINEON-SPB07N60C3_05 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.5 2005-09-14
SPN01N60C3 INFINEON-SPN01N60C3_05 Datasheet
7Mb / 9P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.2 2005-02-21
SPN03N60S5 INFINEON-SPN03N60S5_05 Datasheet
4Mb / 9P
   New revolutionary high voltage technology Ultra low gate chargeExtreme dv/dt rated
Rev. 2.2 2005-02-21
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com