Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ58CA Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SMAJ58CA
Description  SMAJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMAJ58CA Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMAJ58CA Datasheet HTML 1Page - Bourns Electronic Solutions SMAJ58CA Datasheet HTML 2Page - Bourns Electronic Solutions SMAJ58CA Datasheet HTML 3Page - Bourns Electronic Solutions SMAJ58CA Datasheet HTML 4Page - Bourns Electronic Solutions SMAJ58CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMAJ Transient Voltage Suppressor Diode Series
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part
Number
Part
Marking
Part
Number
Part
Marking
Min.
Max.
@ IT
(mA)
VRWM
(Volts)
IR (μA)
VRSM (Volts) IRSM (Amps)
SMAJ5.0A
HE
SMAJ5.0CA
TE
6.40
7.00
10
5.0
800 / 1600
9.2
43.5
SMAJ6.0A
HG
SMAJ6.0CA
TG
6.67
7.37
10
6.0
800 / 1600
10.3
38.8
SMAJ6.5A
HK
SMAJ6.5CA
TK
7.22
7.98
10
6.5
500 / 1000
11.2
35.7
SMAJ7.0A
HM
SMAJ7.0CA
TM
7.78
8.60
10
7.0
200 / 400
12.0
33.3
SMAJ7.5A
HP
SMAJ7.5CA
TP
8.33
9.21
1.0
7.5
100 / 200
12.9
31.0
SMAJ8.0A
HR
SMAJ8.0CA
TR
8.89
9.83
1.0
8.0
50 / 100
13.6
29.4
SMAJ8.5A
HT
SMAJ8.5CA
TT
9.44
10.4
1.0
8.5
10 / 20
14.4
27.7
SMAJ9.0A
HV
SMAJ9.0CA
TV
10.0
11.1
1.0
9.0
5 / 10
15.4
26.0
SMAJ10A
HX
SMAJ10CA
TX
11.1
12.3
1.0
10
5 / 10
17.0
23.5
SMAJ11A
HZ
SMAJ11CA
TZ
12.2
13.2
1.0
11
5.0
18.2
22.0
SMAJ12A
IE
SMAJ12CA
UE
13.3
14.7
1.0
12
5.0
19.9
20.1
SMAJ13A
IG
SMAJ13CA
UG
14.4
15.9
1.0
13
5.0
21.5
18.6
SMAJ14A
IK
SMAJ14CA
UK
15.6
17.2
1.0
14
5.0
23.2
17.2
SMAJ15A
IM
SMAJ15CA
UM
16.7
18.5
1.0
15
5.0
24.4
16.4
SMAJ16A
IP
SMAJ16CA
UP
17.8
19.7
1.0
16
5.0
26.0
15.3
SMAJ17A
IR
SMAJ17CA
UR
18.9
20.9
1.0
17
5.0
27.6
14.5
SMAJ18A
IT
SMAJ18CA
UT
20.0
22.1
1.0
18
5.0
29.2
13.7
SMAJ20A
IV
SMAJ20CA
UV
22.2
24.5
1.0
20
5.0
32.4
12.3
SMAJ22A
IX
SMAJ22CA
UX
24.4
26.9
1.0
22
5.0
35.5
11.2
SMAJ24A
IZ
SMAJ24CA
UZ
26.7
29.5
1.0
24
5.0
38.9
10.3
SMAJ26A
JE
SMAJ26CA
VE
28.9
31.9
1.0
26
5.0
42.1
9.5
SMAJ28A
JG
SMAJ28CA
VG
31.1
34.4
1.0
28
5.0
45.4
8.8
SMAJ30A
JK
SMAJ30CA
VK
33.3
36.8
1.0
30
5.0
48.4
8.3
SMAJ33A
JM
SMAJ33CA
VM
36.7
40.6
1.0
33
5.0
53.3
7.5
SMAJ36A
JP
SMAJ36CA
VP
40
44.2
1.0
36
5.0
58.1
6.9
SMAJ40A
JR
SMAJ40CA
VR
44.4
49.1
1.0
40
5.0
64.5
6.2
SMAJ43A
JT
SMAJ43CA
VT
47.8
52.8
1.0
43
5.0
69.4
5.7
SMAJ45A
JV
SMAJ45CA
VV
50
55.3
1.0
45
5.0
72.7
5.5
SMAJ48A
JX
SMAJ48CA
VX
53.3
58.9
1.0
48
5.0
77.4
5.2
SMAJ51A
JZ
SMAJ51CA
VZ
56.7
62.7
1.0
51
5.0
82.4
4.9
SMAJ54A
RE
SMAJ54CA
WE
60
66.3
1.0
54
5.0
87.1
4.6
SMAJ58A
RG
SMAJ58CA
WG
64.4
71.2
1.0
58
5.0
93.6
4.3
SMAJ60A
RK
SMAJ60CA
WK
66.7
73.7
1.0
60
5.0
96.8
4.1
SMAJ64A
RM
SMAJ64CA
WM
71.1
78.6
1.0
64
5.0
103
3.9
SMAJ70A
RP
SMAJ70CA
WP
77.8
86.0
1.0
70
5.0
113
3.5
SMAJ75A
RR
SMAJ75CA
WR
83.3
92.1
1.0
75
5.0
121
3.3
SMAJ78A
RT
SMAJ78CA
WT
86.7
95.8
1.0
78
5.0
126
3.2
SMAJ85A
RV
SMAJ85CA
WV
94.4
104
1.0
85
5.0
137
2.9
SMAJ90A
RX
SMAJ90CA
WX
100
111
1.0
90
5.0
146
2.7
SMAJ100A
RZ
SMAJ100CA
WZ
111
123
1.0
100
5.0
162
2.5
SMAJ110A
SE
SMAJ110CA
XE
122
135
1.0
110
5.0
177
2.3
SMAJ120A
SG
SMAJ120CA
XG
133
147
1.0
120
5.0
193
2.0
SMAJ130A
SK
SMAJ130CA
XK
144
159
1.0
130
5.0
209
1.9
SMAJ150A
SM
SMAJ150CA
XM
167
185
1.0
150
5.0
243
1.6
SMAJ160A
SP
SMAJ160CA
XP
178
197
1.0
160
5.0
259
1.5
SMAJ170A
SR
SMAJ170CA
XR
189
209
1.0
170
5.0
275
1.4
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine
Wave of 8.3 ms Pulse Width.


Similar Part No. - SMAJ58CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ58CA DIODES-SMAJ58CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ58CA BYTES-SMAJ58CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SiPower Inc.
SMAJ58CA SIPOWER-SMAJ58CA Datasheet
917Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
PACELEADER INDUSTRIAL
SMAJ58CA PACELEADER-SMAJ58CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ58CA SOCAY-SMAJ58CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ58CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMAJ90CA BOURNS-SMAJ90CA Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
SMAJ50CA BOURNS-SMAJ50CA_12 Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMAJ YINT-SMAJ Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Bourns Electronic Solut...
SMAJ28 BOURNS-SMAJ28 Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
SMAJ6.0A LEIDITECH-SMAJ6.0A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com