Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ54CA Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # SMAJ54CA
Description  SMAJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMAJ54CA Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  SMAJ54CA Datasheet HTML 1Page - Bourns Electronic Solutions SMAJ54CA Datasheet HTML 2Page - Bourns Electronic Solutions SMAJ54CA Datasheet HTML 3Page - Bourns Electronic Solutions SMAJ54CA Datasheet HTML 4Page - Bourns Electronic Solutions SMAJ54CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CDDFN5-0504N - TVS/Steering Diode Array
Packaging Information
.......
.......
.......
.......
.......
.......
.......
.......
PA
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
The product will be dispensed in tape and reel format (see diagram below).
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
DIMENSIONS:
MM
(INCHES)
Item
Symbol
SMA (DO-214AC)
Carrier Width
A
2.90 ± 0.10
(0.114 ± 0.004)
Carrier Length
B
5.59 ± 0.10
(0.220 ± 0.004)
Carrier Depth
C
2.36 ± 0.10
(0.093 ± 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
50.0
(1.969)
MIN.
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
5.50 ± 0.05
(0.217 ± 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 ± 0.002)
Overall Tape Thickness
T
0.30 ± 0.10
(0.012 ± 0.004)
Tape Width
W
12.00 ± 0.20
(0.472 ± 0.008)
Reel Width
W1
18.4
(0.724)
MAX.
Quantity per Reel
--
5,000
02/10
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMAJ Transient Voltage Suppressor Diode Series


Similar Part No. - SMAJ54CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ54CA BYTES-SMAJ54CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ54CA DIODES-SMAJ54CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ54CA PACELEADER-SMAJ54CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
SMAJ54CA SIPOWER-SMAJ54CA Datasheet
917Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Diodes Incorporated
SMAJ54CA DIODES-SMAJ54CA Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMAJ54CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMAJ90CA BOURNS-SMAJ90CA Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
SMAJ50CA BOURNS-SMAJ50CA_12 Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMAJ YINT-SMAJ Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Bourns Electronic Solut...
SMAJ28 BOURNS-SMAJ28 Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
SMAJ6.0A LEIDITECH-SMAJ6.0A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com