Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLJ8.5CA Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SMLJ8.5CA
Description  SMLJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ8.5CA Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SMLJ8.5CA Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ8.5CA Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ8.5CA Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ8.5CA Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ8.5CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
RoHS compliant*
Surface Mount SMC package
Standoff Voltage: 5.0 to 170 volts
Power Dissipation: 3000 watts
Applications
IEC 61000-4-2 ESD (Min. Level 4)
IEC 61000-4-4 EFT
IEC 61000-4-5 Surge
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
SMLJ Transient Voltage Suppressor Diode Series
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2)
PPK
3000
Watts
Peak Forward Surge Current
8.3 ms Single Ha Sine Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
300
Amps
Steady State Power Dissipation @ TL = 75 °C
PM(AV)
5.0
Watts
Maximum Instantaneous Forward Voltage @ IPP = 100 A
(For Unidirectional Units Only)
VF
(Note 5)
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
1.
Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2.
Thermal Resistance Junction to Lead.
3.
8.3 ms Single Ha-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only).
4.
Single Phase, Ha Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %.
5.
VF = 3.5 V on SMLJ5.0A through SMLJ90A and VF= 5.0 V on SMLJ100A through SMLJ170A.
General Information
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components.
Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AB (SMC)
size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown
Voltage up to 200 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices
from 0 V to Minimum Breakdown Voltage.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration
minimizes roll away.
How to Order
SMLJ 5.0 CA
Package
SMLJ = SMC/DO-214AB
Working Peak Reverse Voltage
5.0 = 5.0 VRWM (Volts)
Suffix
A = 5 % Tolerance Unidirectional Device
CA = 5 % Tolerance Bidirectional Device


Similar Part No. - SMLJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ8.5CA MCC-SMLJ8.5CA Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ8.5CA MDE-SMLJ8.5CA Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Bourns Electronic Solut...
SMLJ8.5CA BOURNS-SMLJ8.5CA Datasheet
258Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMLJ8.5CA MCC-SMLJ8.5CA Datasheet
383Kb / 7P
   Transient Voltage Suppressor 5.0 to 440 Volts 3000 Watt
logo
Bourns Electronic Solut...
SMLJ8.5CA BOURNS-SMLJ8.5CA Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
More results

Similar Description - SMLJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMLJ50CA BOURNS-SMLJ50CA_13 Datasheet
231Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
SMLJ BOURNS-SMLJ Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com