Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP35B60PD-EP Datasheet(PDF) 5 Page - International Rectifier

Part # IRGP35B60PD-EP
Description  WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP35B60PD-EP Datasheet(HTML) 5 Page - International Rectifier

  IRGP35B60PD-EP Datasheet HTML 1Page - International Rectifier IRGP35B60PD-EP Datasheet HTML 2Page - International Rectifier IRGP35B60PD-EP Datasheet HTML 3Page - International Rectifier IRGP35B60PD-EP Datasheet HTML 4Page - International Rectifier IRGP35B60PD-EP Datasheet HTML 5Page - International Rectifier IRGP35B60PD-EP Datasheet HTML 6Page - International Rectifier IRGP35B60PD-EP Datasheet HTML 7Page - International Rectifier IRGP35B60PD-EP Datasheet HTML 8Page - International Rectifier IRGP35B60PD-EP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRGP35B60PD-EP
www.irf.com
5
Fig. 14 - Typ. Switching Time vs. RG
TJ = 125°C; L = 200µH; VCE = 390V, ICE = 22A; VGE = 15V
Diode clamp used: 30ETH06 (See C.T.3)
Fig. 13 - Typ. Energy Loss vs. RG
TJ = 125°C; L = 200µH; VCE = 390V, ICE = 22A; VGE = 15V
Diode clamp used: 30ETH06 (See C.T.3)
Fig. 16- Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
Fig. 15- Typ. Output Capacitance
Stored Energy vs. VCE
Fig. 17 - Typical Gate Charge vs. VGE
ICE = 22A
Fig. 18 - Normalized Typ. VCE(on)
vs. Junction Temperature
IC = 22A, VGE= 15V
-50
0
50
100
150
200
TJ (°C)
0.8
1.0
1.2
1.4
0
10
20
30
40
50
RG (Ω)
0
100
200
300
400
500
600
700
800
EON
EOFF
0
10
20
30
40
50
RG (Ω)
1
10
100
1000
tR
tdOFF
tF
tdON
0
20
40
60
80
100
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
0
50
100
150
200
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
400V
0
100
200
300
400
500
600
700
VCE (V)
0
5
10
15
20
25
30


Similar Part No. - IRGP35B60PD-EP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP35B60PD-EP IRF-IRGP35B60PD-EP Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP_15 Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP35B60PD-EP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1 Datasheet
468Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD-E INFINEON-AUIRGP35B60PD-E Datasheet
514Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
logo
International Rectifier
IRGP50B60PD1PBF IRF-IRGP50B60PD1PBF Datasheet
395Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1-EP IRF-IRGP50B60PD1-EP Datasheet
427Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD INFINEON-AUIRGP35B60PD Datasheet
516Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
logo
International Rectifier
IRGP20B60PD IRF-IRGP20B60PD Datasheet
739Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
AUIRGP35B60PD IRF-AUIRGP35B60PD Datasheet
299Kb / 13P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP_15 Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP50B60PD1 INFINEON-AUIRGP50B60PD1 Datasheet
571Kb / 12P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-29
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1_06 Datasheet
476Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com