Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ24CA Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SMCJ24CA
Description  SMCJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMCJ24CA Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SMCJ24CA Datasheet HTML 1Page - Bourns Electronic Solutions SMCJ24CA Datasheet HTML 2Page - Bourns Electronic Solutions SMCJ24CA Datasheet HTML 3Page - Bourns Electronic Solutions SMCJ24CA Datasheet HTML 4Page - Bourns Electronic Solutions SMCJ24CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Dimensions
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMCJ Transient Voltage Suppressor Diode Series
Recommended Footprint
Physical Specifications
Case ..........................................Molded plastic per UL Class 94V-0
Polarity ..................... Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Weight ....................................................0.007 ounces / 0.21 grams
DIMENSIONS:
MM
(INCHES)
B
G
F
D
C
H
E
A
A
C
B
Dimension
SMC (DO-214AB)
A
6.60 - 7.11
(0.260 - 0.280)
B
5.59 - 6.22
(0.220 - 0.245)
C
2.92 - 3.18
(0.115 - 0.125)
D
0.15 - 0.31
(0.006 - 0.112)
E
7.75 - 8.13
(0.305 - 0.320)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
DIMENSIONS:
MM
(INCHES)
Dimension
SMC (DO-214AB)
A (Max.)
4.69
(0.185)
B (Min.)
3.07
(0.121)
C (Min.)
1.52
(0.060)


Similar Part No. - SMCJ24CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ24CA FAIRCHILD-SMCJ24CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Micro Commercial Compon...
SMCJ24CA MCC-SMCJ24CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
MDE Semiconductor, Inc.
SMCJ24CA MDE-SMCJ24CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ24CA LEIDITECH-SMCJ24CA Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
logo
Ruilongyuan Electronics...
SMCJ24CA RUILON-SMCJ24CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ24CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMCJ50CA BOURNS-SMCJ50CA_11 Datasheet
370Kb / 5P
   SMCJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMCJ YINT-SMCJ Datasheet
1Mb / 5P
   SMCJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
S-SMCJ LEIDITECH-S-SMCJ Datasheet
1,018Kb / 6P
   S-SMCJ Series 1500W Transient Voltage Suppressor
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com