Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0892LP07A136SPB Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 0892LP07A136SPB
Description  900 MHz Low Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0892LP07A136SPB Datasheet(HTML) 1 Page - Johanson Technology Inc.

  0892LP07A136SPB Datasheet HTML 1Page - Johanson Technology Inc. 0892LP07A136SPB Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
900 MHz Low Pass Filter
P/N 0892LP07A136
Detail Specification: 01/16/06
Page 1 of 2
General Specifications
Part Number
0892LP07A136
Impedance
50 Ω
Frequency (MHz)
824 - 960
Operating Temperature
-40 to +85°C
Insertion Loss
0.7 dB max.
Reel Quantity
Return Loss
9.5 dB min.
Input Power
500 mW max.
Attenuation (min.)
18 dB @ 1648 - 1920 MHz
Attenuation (min.)
25 dB @ 2472 - 2880 MHz
Attenuation (min.)
25 dB @ 3296 - 3840 MHz
Terminal Configuration
Packaging
Bulk
Suffix = S
Eg. 0892LP07A136S
No.
Function
P/N
Style
T & R
Suffix = E
Eg. 0892LP07A136E
1
GND
Suffix Termination
100% Tin
Suffix = None
Eg. 0892LP07A136(E or S)
2
OUT
Style
Tin / Lead
Suffix = /Pb
Eg. 0892LP07A136(E or S)/Pb
3
GND
4
IN
Mechanical Dimensions
In
mm
L
±±
W
±±
T
±±
a
±±
b
±±
Mounting Considerations
Mount these devices with brown mark facing up.
Line width should be designed to provide 50Ω impedance matching characteristics.
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.006
0.004
0.15
0.010
0.004
"PRELIMINARY"
0.002
0.039
1.00
0.05
0.020
0.002
10,000
0.25
0.015
0.002
0.50
0.05
0.38
0.05
0.10
0.10
Land
Solder Resist
Through-hole (
φ 0.35)
1
2
4
3
a
b
L
W
T
0.5
0.6
1.45
0.3
0.75
*
*


Similar Part No. - 0892LP07A136SPB

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0892LP07A0136 JOHANSON-0892LP07A0136 Datasheet
80Kb / 2P
   Integrated Passive Component Packaging
More results

Similar Description - 0892LP07A136SPB

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0900LP15B0063 JOHANSON-0900LP15B0063 Datasheet
347Kb / 3P
   900 MHz Wide Band Low Pass Filter
logo
Mini-Circuits
HFCN-740 MINI-HFCN-740 Datasheet
117Kb / 1P
   Ceramic High Pass Filter 900 to 2800 MHz
logo
Johanson Technology Inc...
0868LP15A020 JOHANSON-0868LP15A020 Datasheet
120Kb / 2P
   868 MHz Low Pass Filter
0915LP15B026 JOHANSON-0915LP15B026 Datasheet
88Kb / 2P
   915 MHz Low Pass Filter
0898LP18A035 JOHANSON-0898LP18A035 Datasheet
153Kb / 2P
   890 MHz Low Pass Filter
1810LP07B200 JOHANSON-1810LP07B200 Datasheet
114Kb / 2P
   1810 MHz Low Pass Filter
0915LP15A026 JOHANSON-0915LP15A026 Datasheet
93Kb / 2P
   915 MHz Low Pass Filter
0500LP15A500E JOHANSON-0500LP15A500E Datasheet
176Kb / 2P
   500 MHz Low Pass Filter
1810LP07B200T JOHANSON-1810LP07B200T Datasheet
204Kb / 2P
   1810 MHz Low Pass Filter
0500LP15A500 JOHANSON-0500LP15A500 Datasheet
178Kb / 2P
   500 MHz Low Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com