Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSC042N03LSG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC042N03LSG
Description  OptiMOS?? Power-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC042N03LSG Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC042N03LSG Datasheet HTML 1Page - Infineon Technologies AG BSC042N03LSG Datasheet HTML 2Page - Infineon Technologies AG BSC042N03LSG Datasheet HTML 3Page - Infineon Technologies AG BSC042N03LSG Datasheet HTML 4Page - Infineon Technologies AG BSC042N03LSG Datasheet HTML 5Page - Infineon Technologies AG BSC042N03LSG Datasheet HTML 6Page - Infineon Technologies AG BSC042N03LSG Datasheet HTML 7Page - Infineon Technologies AG BSC042N03LSG Datasheet HTML 8Page - Infineon Technologies AG BSC042N03LSG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BSC042N03LS G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
2600
3500
pF
Output capacitance
C oss
-
930
1200
Reverse transfer capacitance
Crss
-49-
Turn-on delay time
t d(on)
-
6.0
-
ns
Rise time
t r
-
4.4
-
Turn-off delay time
t d(off)
-24-
Fall time
t f
-
4.0
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
7.4
9.9
nC
Gate charge at threshold
Q g(th)
-
3.9
5.1
Gate to drain charge
Q gd
-
3.5
5.8
Switching charge
Q sw
-
7.0
9.9
Gate charge total
Q g
-15
20
Gate plateau voltage
V plateau
-
3.1
-
V
Gate charge total
Q g
V DD=15 V, I D=30 A,
V GS=0 to 10 V
-31
42
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 4.5 V
-13
17
nC
Output charge
Q oss
V DD=15 V, V GS=0 V
-24
32
Reverse Diode
Diode continuous forward current
I S
-
-
52
A
Diode pulse current
I S,pulse
-
-
372
Diode forward voltage
V SD
V GS=0 V, I F=30 A,
T j=25 °C
-
0.84
1.1
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
15
nC
5) See figure 16 for gate charge parameter definition
4) See figure 13 for more detailed information
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=30 A, R G=1.6 Ω
V DD=15 V, I D=30 A,
V GS=0 to 4.5 V
Rev. 1.25
page 3
2009-10-22


Similar Part No. - BSC042N03LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC042N03MSG INFINEON-BSC042N03MSG Datasheet
386Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.17 2009-10-22
logo
Analog Devices
BSC042N03MSG AD-BSC042N03MSG Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Infineon Technologies A...
BSC042N03MSG INFINEON-BSC042N03MSG Datasheet
529Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSC042N03MSG INFINEON-BSC042N03MSG_13 Datasheet
529Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSC042N03S INFINEON-BSC042N03S Datasheet
299Kb / 10P
   OptiMOS2 Power-Transistor
2004-04-13
More results

Similar Description - BSC042N03LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ033N03LSCG INFINEON-BSZ033N03LSCG Datasheet
330Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 1.2 2009-11-05
BSC025N03LSG INFINEON-BSC025N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.6 2009-10-22
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.25 2009-11-03
BSC057N03LSG INFINEON-BSC057N03LSG_13 Datasheet
526Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 2.12 013-05-17
BSB028N06NN3 INFINEON-BSB028N06NN3 Datasheet
749Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2014-04-17
BSB104N08NP3G INFINEON-BSB104N08NP3G Datasheet
603Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-11-28
BSC042N03MSG INFINEON-BSC042N03MSG_13 Datasheet
529Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSB044N08NN3G INFINEON-BSB044N08NN3G_11 Datasheet
902Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2011-07-18
BSC014N03LSG INFINEON-BSC014N03LSG Datasheet
445Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.3 2009-10-22
BSC100N03LSG INFINEON-BSC100N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.6 2009-11-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com