Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLJ17A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SMLJ17A
Description  SMLJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ17A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMLJ17A Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ17A Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ17A Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ17A Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ17A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMLJ Transient Voltage Suppressor Diode Series
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine
Wave of 8.3 ms Pulse Width.
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part
Number
Part
Marking
Part
Number
Part
Marking
Min.
Max.
@ IT (mA)
VRWM
(Volts)
IR (μA)
VRSM (Volts) IRSM (Amps)
SMLJ5.0A
HDE
SMLJ5.0CA
IDE
6.40
7.82
10
5
1000
9.2
326.00
SMLJ6.0A
HDG
SMLJ6.0CA
IDG
6.67
8.15
10
6
1000
10.3
291.30
SMLJ6.5A
HDK
SMLJ6.5CA
IDK
7.22
7.98
10
6.5
500
11.2
267.90
SMLJ7.0A
HDM
SMLJ7.0CA
IDM
7.78
8.60
10
7
200
12
250.00
SMLJ7.5A
HDP
SMLJ7.5CA
IDP
8.33
9.21
1
7.5
100
12.9
232.60
SMLJ8.0A
HDR
SMLJ8.0CA
IDR
8.89
9.83
1
8
50
13.6
220.60
SMLJ8.5A
HDT
SMLJ8.5CA
IDT
9.44
10.43
1
8.5
25
14.4
208.40
SMLJ9.0A
HDV
SMLJ9.0CA
IDV
10.00
11.05
1
9
10
15.4
194.80
SMLJ10A
HDX
SMLJ10CA
IDX
11.10
12.27
1
10
5
17
176.40
SMLJ11A
HDZ
SMLJ11CA
IDZ
12.20
13.50
1
11
5
18.2
164.80
SMLJ12A
HEE
SMLJ12CA
IEE
13.30
14.70
1
12
5
19.9
150.60
SMLJ13A
HEG
SMLJ13CA
IEG
14.40
15.90
1
13
5
21.5
139.40
SMLJ14A
HEK
SMLJ14CA
IEK
15.60
17.20
1
14
5
23.2
129.40
SMLJ15A
HEM
SMLJ15CA
IEM
16.70
18.50
1
15
5
24.4
123.00
SMLJ16A
HEP
SMLJ16CA
IEP
17.80
19.70
1
16
5
26
115.40
SMLJ17A
HER
SMLJ17CA
IER
18.90
20.90
1
17
5
27.6
106.60
SMLJ18A
HET
SMLJ18CA
IET
20.00
22.10
1
18
5
29.2
102.80
SMLJ20A
HEV
SMLJ20CA
IEV
22.20
24.50
1
20
5
32.4
92.60
SMLJ22A
HEX
SMLJ22CA
IEX
24.40
27.00
1
22
5
35.5
84.40
SMLJ24A
HEZ
SMLJ24CA
IEZ
26.70
29.50
1
24
5
38.9
77.20
SMLJ26A
HFE
SMLJ26CA
IFE
28.90
31.90
1
26
5
42.1
71.20
SMLJ28A
HFG
SMLJ28CA
IFG
31.10
34.40
1
28
5
45.4
66.00
SMLJ30A
HFK
SMLJ30CA
IFK
33.30
36.80
1
30
5
48.4
62.00
SMLJ33A
HFM
SMLJ33CA
IFM
36.70
40.60
1
33
5
53.3
56.20
SMLJ36A
HFP
SMLJ36CA
IFP
40.00
44.20
1
36
5
58.1
51.60
SMLJ40A
HFR
SMLJ40CA
IFR
44.40
49.10
1
40
5
64.5
46.40
SMLJ43A
HFT
SMLJ43CA
IFT
47.80
52.80
1
43
5
69.4
43.20
SMLJ45A
HFV
SMLJ45CA
IFV
50.00
55.30
1
45
5
72.7
41.20
SMLJ48A
HFX
SMLJ48CA
IFX
53.30
58.90
1
48
5
77.4
38.80
SMLJ51A
HFZ
SMLJ51CA
IFZ
56.70
62.70
1
51
5
82.4
36.40
SMLJ54A
HGE
SMLJ54CA
IGE
60.00
66.30
1
54
5
87.1
34.40
SMLJ58A
HGG
SMLJ58CA
IGG
64.40
71.20
1
58
5
93.6
32.00
SMLJ60A
HGK
SMLJ60CA
IGK
66.70
73.70
1
60
5
96.8
31.00
SMLJ64A
HGM
SMLJ64CA
IGM
71.10
78.60
1
64
5
103
29.20
SMLJ70A
HGP
SMLJ70CA
IGP
77.80
86.00
1
70
5
113
26.60
SMLJ75A
HGR
SMLJ75CA
IGR
83.30
92.10
1
75
5
121
24.80
SMLJ78A
HGT
SMLJ78CA
IGT
86.70
95.80
1
78
5
126
22.80
SMLJ85A
HGV
SMLJ85CA
IGV
94.40
104.30
1
85
5
137
20.80
SMLJ90A
HGX
SMLJ90CA
IGX
100.00 110.50
1
90
5
146
20.60
SMLJ100A
HGZ
SMLJ100CA
IGZ
111.00 122.70
1
100
5
162
18.60
SMLJ110A
HHE
SMLJ110CA
IHE
122.00 134.80
1
110
5
177
16.80
SMLJ120A
HHG
SMLJ120CA
IHG
133.00 147.00
1
120
5
193
15.60
SMLJ130A
HHH
SMLJ130CA
IHH
144.00 159.20
1
130
5
209
14.40
SMLJ150A
HHM
SMLJ150CA
IHM
167.00 184.60
1
150
5
243
12.40
SMLJ160A
HHP
SMLJ160CA
IHP
178.00 196.70
1
160
5
259
11.60
SMLJ170A
HHR
SMLJ170CA
IHR
189.00 208.90
1
170
5
275
11.00


Similar Part No. - SMLJ17A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ17A MCC-SMLJ17A Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ17A MICROSEMI-SMLJ17A Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Micro Commercial Compon...
SMLJ17A MCC-SMLJ17A Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
List of Unclassifed Man...
SMLJ17A ETC2-SMLJ17A Datasheet
385Kb / 4P
   Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMLJ17A MDE-SMLJ17A Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results

Similar Description - SMLJ17A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMLJ50CA BOURNS-SMLJ50CA_13 Datasheet
231Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
SMLJ BOURNS-SMLJ Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com