Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ60A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SMBJ60A
Description  SMBJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMBJ60A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SMBJ60A Datasheet HTML 1Page - Bourns Electronic Solutions SMBJ60A Datasheet HTML 2Page - Bourns Electronic Solutions SMBJ60A Datasheet HTML 3Page - Bourns Electronic Solutions SMBJ60A Datasheet HTML 4Page - Bourns Electronic Solutions SMBJ60A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Dimensions
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMBJ Transient Voltage Suppressor Diode Series
Recommended Footprint
Physical Specifications
Case ..........................................Molded plastic per UL Class 94V-0
Polarity ..................... Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Weight ..................................................0.003 ounces / 0.093 grams
DIMENSIONS:
MM
(INCHES)
B
G
F
D
C
H
E
A
A
C
B
Dimension
SMB (DO-214AA)
A
4.06 - 4.57
(0.160 - 0.180)
B
3.30 - 3.94
(0.130 - 0.155)
C
1.96 - 2.21
(0.077 - 0.087)
D
0.15 - 0.31
(0.006 - 0.112)
E
5.21 - 5.59
(0.205 - 0.220)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
DIMENSIONS:
MM
(INCHES)
Dimension
SMB (DO-214AA)
A (Max.)
2.69
(0.106)
B (Min.)
2.10
(0.083)
C (Min.)
1.27
(0.050)


Similar Part No. - SMBJ60A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ60A JGD-SMBJ60A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SMBJ60A UNSEMI-SMBJ60A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
SMBJ60A LITTELFUSE-SMBJ60A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Jiangsu High diode Semi...
SMBJ60A HDSEMI-SMBJ60A Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
More results

Similar Description - SMBJ60A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ33A BOURNS-SMBJ33A Datasheet
409Kb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
SMBJ130A BOURNS-SMBJ130A Datasheet
425Kb / 6P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMBJ YINT-SMBJ Datasheet
1Mb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
S-SMBJ LEIDITECH-S-SMBJ Datasheet
1Mb / 6P
   S-SMBJ Series 600W Transient Voltage Suppressor
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com