Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD50N03S2-07 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPD50N03S2-07
Description  OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD50N03S2-07 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPD50N03S2-07_08 Datasheet HTML 1Page - Infineon Technologies AG SPD50N03S2-07_08 Datasheet HTML 2Page - Infineon Technologies AG SPD50N03S2-07_08 Datasheet HTML 3Page - Infineon Technologies AG SPD50N03S2-07_08 Datasheet HTML 4Page - Infineon Technologies AG SPD50N03S2-07_08 Datasheet HTML 5Page - Infineon Technologies AG SPD50N03S2-07_08 Datasheet HTML 6Page - Infineon Technologies AG SPD50N03S2-07_08 Datasheet HTML 7Page - Infineon Technologies AG SPD50N03S2-07_08 Datasheet HTML 8Page - Infineon Technologies AG SPD50N03S2-07_08 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPD50N03S2-07 G
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=50A
30
60
-
S
Input capacitance
Ciss
VGS=0V, VDS =25V,
f=1MHz
-
1630
2170 pF
Output capacitance
Coss
-
750
1000
Reverse transfer capacitance
Crss
-
150
230
Turn-on delay time
td(on)
VDD=15V, VGS =10V,
ID=50A,
RG=6.8Ω
-
14
21
ns
Rise time
tr
-
36
54
Turn-off delay time
td(off)
-
27
40
Fall time
tf
-
25
38
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=24V, ID=50A
-
7.9
10.5
nC
Gate to drain charge
Qgd
-
14.1
21.1
Gate charge total
Qg
VDD=24V, ID=50A,
VGS=0 to 10V
-
35
46.5
Gate plateau voltage
V(plateau) VDD=24V, ID=50A
-
5.2
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
50
A
Inv. diode direct current, pulsed
ISM
-
-
200
Inverse diode forward voltage
VSD
VGS=0V, IF=50A
-
0.9
1.3
V
Reverse recovery time
trr
VR=15V, IF=lS,
diF/dt=100A/µs
-
41
51
ns
Reverse recovery charge
Qrr
-
46
58
nC
02-09-2008
Page 3


Similar Part No. - SPD50N03S2-07_08

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPD50N03S2-07G VBSEMI-SPD50N03S2-07G Datasheet
1,020Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SPD50N03S2-07_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPDH6N03LA INFINEON-IPDH6N03LA_08 Datasheet
542Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.5 2008-04-14
IPB26CN10N INFINEON-IPB26CN10N_10 Datasheet
547Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.08 2010-04-28
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07_08 Datasheet
658Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
IPB12CNE8N INFINEON-IPB12CNE8N_07 Datasheet
552Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.05 2007-08-29
SPD30N03S2L-20 INFINEON-SPD30N03S2L-20_08 Datasheet
687Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level
02-09-2008
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com