Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP11N60CFD Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPP11N60CFD
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP11N60CFD Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPP11N60CFD_07 Datasheet HTML 4Page - Infineon Technologies AG SPP11N60CFD_07 Datasheet HTML 5Page - Infineon Technologies AG SPP11N60CFD_07 Datasheet HTML 6Page - Infineon Technologies AG SPP11N60CFD_07 Datasheet HTML 7Page - Infineon Technologies AG SPP11N60CFD_07 Datasheet HTML 8Page - Infineon Technologies AG SPP11N60CFD_07 Datasheet HTML 9Page - Infineon Technologies AG SPP11N60CFD_07 Datasheet HTML 10Page - Infineon Technologies AG SPP11N60CFD_07 Datasheet HTML 11Page - Infineon Technologies AG SPP11N60CFD_07 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
200
7-08-30
Rev. 2.
6
Page 9
SPP11N60CFD
17 Typ. reverse recovery charge
Qrr = f(TJ)
parameter: ID = 11A
25
50
75
°C
125
Tj
600
700
800
900
1000
1100
1200
18 Typ. reverse recovery charge
Qrr = f(ID)
parameter: di/dt = 100 A/
µs
1
2
3
4
5
6
7
8
9
A
11
ID
200
300
400
500
600
700
800
900
1000
1100
1200
Tj = 25°C
Tj = 125°C
19 Typ. reverse recovery charge
Qrr = f(di/dt)
parameter: ID = 11 A
100
200
300
400
500
600
700
A/µs 900
di/dt
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
Tj = 125°C
Tj = 25°C


Similar Part No. - SPP11N60CFD_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP11N60CFD INFINEON-SPP11N60CFD_09 Datasheet
647Kb / 12P
   Cool MOS Power Transistor
2009-11-27 revision:2.7
More results

Similar Description - SPP11N60CFD_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com