Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA751L7 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BGA751L7
Description  Low Power Single-Band UMTS LNA (800, 900 MHz)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA751L7 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BGA751L7 Datasheet HTML 4Page - Infineon Technologies AG BGA751L7 Datasheet HTML 5Page - Infineon Technologies AG BGA751L7 Datasheet HTML 6Page - Infineon Technologies AG BGA751L7 Datasheet HTML 7Page - Infineon Technologies AG BGA751L7 Datasheet HTML 8Page - Infineon Technologies AG BGA751L7 Datasheet HTML 9Page - Infineon Technologies AG BGA751L7 Datasheet HTML 10Page - Infineon Technologies AG BGA751L7 Datasheet HTML 11Page - Infineon Technologies AG BGA751L7 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BGA751L7 - Low Power Single-Band UMTS LNA
Electrical Characteristics
Supply current and Power gain characteristics; TA =25°C
Data Sheet
8
V3.2, 2009-05-27
2.7
Supply current and Power gain characteristics;
T
A =25°C
Supply current and Power gain high gain mode versus reference resistor RREF (low gain mode supply current is
independent of reference resistor).
Note: In order to achieve higher gain an external reference resistor can be soldered between RREF (Pin 5) and
ground (see Figure 2 on page 16).
2.8
Logic Signal Characteristics;
T
A =25°C
Current consumption of logic inputs VEN, VGS
Supply Current
I
CC =f (RREF)
V
CC =2.8 V
Power Gain
|S
21| = f (RREF)
V
CC =2.8 V
Logic currents
I
EN = f (VEN)
V
CC =2.8 V
Logic currents
I
GS = f (VGS)
V
CC =2.8 V
1
10
100
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
R
REF
[k
Ω]
10
100
1000
15
15.5
16
16.5
17
17.5
18
R
REF
[k
Ω]
0
0.5
1
1.5
2
2.5
3
0
2
4
6
V
EN
[V]
0
0.5
1
1.5
2
2.5
3
0
2
4
6
V
GS
[V]


Similar Part No. - BGA751L7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA751N7 INFINEON-BGA751N7 Datasheet
1Mb / 39P
   SiGe Bipolar 3G/3.5G/4G Single-Band LNA
Revision 3.1, 2013-01-31
More results

Similar Description - BGA751L7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA713L7 INFINEON-BGA713L7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.0, 2010-10-04
BGA713N7 INFINEON-BGA713N7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.1, 2013-01-31
BGA748L16 INFINEON-BGA748L16 Datasheet
2Mb / 31P
   High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.2, 2010-06-18
BGA748N16 INFINEON-BGA748N16 Datasheet
2Mb / 31P
   High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.0, 2010-11-08
BGA734L16 INFINEON-BGA734L16 Datasheet
774Kb / 31P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
V1.0, January 2008
BGA734L16 INFINEON-BGA734L16_11 Datasheet
1Mb / 39P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Revision 1.1, 2011-03-16
BGA711L7 INFINEON-BGA711L7 Datasheet
714Kb / 23P
   Low Power Single-Band UMTS LNA
V3.2, May 2009
BGA777N7 INFINEON-BGA777N7 Datasheet
1Mb / 35P
   Single-Band UMTS LNA (2300 - 2700 MHz)
Revision 3.1, 2013-01-31
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
BGA735N16 INFINEON-BGA735N16 Datasheet
2Mb / 33P
   High Linearity Tri-Band LTE/UMTS LNA (2600/2300/2100, 1900/1800, 900/800/700 MHz)
Revision 3.8, 2010-12-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com