Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP126N6165 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # KP126N6165
Description  Absolute Pressure Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP126N6165 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button KP126N6165 Datasheet HTML 6Page - Infineon Technologies AG KP126N6165 Datasheet HTML 7Page - Infineon Technologies AG KP126N6165 Datasheet HTML 8Page - Infineon Technologies AG KP126N6165 Datasheet HTML 9Page - Infineon Technologies AG KP126N6165 Datasheet HTML 10Page - Infineon Technologies AG KP126N6165 Datasheet HTML 11Page - Infineon Technologies AG KP126N6165 Datasheet HTML 12Page - Infineon Technologies AG KP126N6165 Datasheet HTML 13Page - Infineon Technologies AG KP126N6165 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
10
Rev 1.02, 2007-11-23
Absolute Pressure Sensor
KP126N6165
Electrical Characteristics
5
Electrical Characteristics
5.1
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 3
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
DD
– 0.3
6.5
V
16.5
1h @ 70°C
– 6.5 1)
1) Reverse polarity;
I
DD < 300mA
for max. 5 minutes
Output voltage
V
OUT
– 0.3
V
DD+ 0.3
V
Maximum ambient
temperature
T
A
– 40
125
°C
Storage temperature
T
S
– 60
150
°C
Maximum input pressure
range
P
MAX
40
5.8
600
87
kPa
psi
for max. 5 minutes
40
5.8
165
23.93
kPa
psi
Voltage at CLOCK / VPROG Pin VCLK
20
V
Voltage at data pins
(DATA IN, DATA OUT)
V
DATA
5.0
V
ESD robustness 2)
2) HBM: 1.5k
Ω, 100pF; according to EIA/JESD22-A114-B (covers MIL STD 883D)
V
ESD, HBM
± 2
kV
Analog pins:
VDD, Vout, GND
± 2
kV
Digital pins:
CLOCK / VPROG,
DATA OUT,
DATA IN


Similar Part No. - KP126N6165

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP126 INFINEON-KP126 Datasheet
792Kb / 25P
   Absolute Pressure Sensor optional with Clamping
Rev 1.02, 2007-11-23
More results

Similar Description - KP126N6165

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
    Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
   Absolute Pressure Sensor
Rev 2.14, 2007-11-23
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
   ABSOLUTE PRESSURE SENSOR
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
   Absolute Pressure Sensor
MLX90815 MELEXIS-MLX90815 Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com