Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGB10N60A Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SGB10N60A
Description  Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGB10N60A Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SGB10N60A Datasheet HTML 3Page - Infineon Technologies AG SGB10N60A Datasheet HTML 4Page - Infineon Technologies AG SGB10N60A Datasheet HTML 5Page - Infineon Technologies AG SGB10N60A Datasheet HTML 6Page - Infineon Technologies AG SGB10N60A Datasheet HTML 7Page - Infineon Technologies AG SGB10N60A Datasheet HTML 8Page - Infineon Technologies AG SGB10N60A Datasheet HTML 9Page - Infineon Technologies AG SGB10N60A Datasheet HTML 10Page - Infineon Technologies AG SGB10N60A Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SGB10N60A
7
Rev. 2.3
July 07
0A
5A
10A
15A
20A
25A
0,0m J
0,2m J
0,4m J
0,6m J
0,8m J
1,0m J
1,2m J
1,4m J
1,6m J
E
on*
E
off
E
ts*
0
20
40
60
80
0,2m J
0,4m J
0,6m J
0,8m J
1,0m J
E
ts*
E
on*
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, Tj = 150°C, VCE = 400V,
VGE = 0/+15V, RG = 25Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, Tj = 150°C, VCE = 400V,
VGE = 0/+15V, IC = 10A,
Dynamic test circuit in Figure E)
0°C
50°C
100°C
150°C
0,0mJ
0,2mJ
0,4mJ
0,6mJ
0,8mJ
E
ts*
E
on*
E
off
1µs
10µs
100µs
1ms
10ms 100ms
1s
10
-3K/W
10
-2K/W
10
-1K/W
10
0K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
Tj, JUNCTION TEMPERATURE
tp, PULSE WIDTH
Figure 15. Typical switching energy losses
as a function of junction temperature
(inductive load, VCE = 400V, VGE = 0/+15V,
IC = 10A, RG = 25Ω,
Dynamic test circuit in Figure E)
Figure 16. IGBT transient thermal
impedance as a function of pulse width
(D = tp / T)
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
C1=
τ1/R1
R1
R2
C2=
τ2/R2
R
,( K / W )
τ , (s )
0.4287
0.0358
0.4830
4.3*10
-3
0.4383
3.46*10
-4


Similar Part No. - SGB10N60A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB10N60A INFINEON-SGB10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
More results

Similar Description - SGB10N60A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB02N60 INFINEON-SGB02N60_06 Datasheet
798Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB20N60 INFINEON-SGB20N60_06 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGB30N60 INFINEON-SGB30N60_09 Datasheet
382Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 05.03.2009
SGP20N60 INFINEON-SGP20N60_09 Datasheet
364Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGP10N60A INFINEON-SGP10N60A_09 Datasheet
353Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com