Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD07N20 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPD07N20
Description  SIPMOS횘 Power Transistor Features N channel Enhancement mode Avalanche rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD07N20 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPD07N20_08 Datasheet HTML 2Page - Infineon Technologies AG SPD07N20_08 Datasheet HTML 3Page - Infineon Technologies AG SPD07N20_08 Datasheet HTML 4Page - Infineon Technologies AG SPD07N20_08 Datasheet HTML 5Page - Infineon Technologies AG SPD07N20_08 Datasheet HTML 6Page - Infineon Technologies AG SPD07N20_08 Datasheet HTML 7Page - Infineon Technologies AG SPD07N20_08 Datasheet HTML 8Page - Infineon Technologies AG SPD07N20_08 Datasheet HTML 9Page - Infineon Technologies AG SPD07N20_08 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPD 07N20 G
Rev. 2.4
Page 7
2008-09-01
Drain-source on-resistance
RDS(on) = f (Tj)
parameter :
ID = 4.5 A, VGS = 10 V
-60
-20
20
60
100
140
˚C
200
Tj
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
SPD07N20
typ
98%
Gate threshold voltage
VGS(th) = f (Tj)
parameter :
VGS = VDS, ID = 1 mA
-60
-20
20
60
100
˚C
160
Tj
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
5.0
min
typ
max
Typ. capacitances
C =
f (VDS)
parameter:
VGS = 0 V, f = 1 MHz
0
5
10
15
20
25
30
V
40
VDS
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss
Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
-1
10
0
10
1
10
2
10
A
SPD07N20
T
j = 25 ˚C typ
T
j = 25 ˚C (98%)
T
j = 150 ˚C typ
T
j = 150 ˚C (98%)


Similar Part No. - SPD07N20_08

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPD07N20G ISC-SPD07N20G Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPD07N20G VBSEMI-SPD07N20G Datasheet
987Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - SPD07N20_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30P06P INFINEON-SPD30P06P_08 Datasheet
557Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 2.3 2008-09-02
SPD18P06P INFINEON-SPD18P06P_08 Datasheet
567Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 3.4 2008-09-02
SPP80P06PG INFINEON-SPP80P06PG Datasheet
525Kb / 11P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 1.4 2009-11-19
IPD400N06NG INFINEON-IPD400N06NG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
Rev. 1.3 2008-09-01
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com