Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUA6042 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TUA6042
Description  Low Power 3-Band Digital TV / Portable Tuner IC with Digital Alignment
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6042 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TUA6042 Datasheet HTML 5Page - Infineon Technologies AG TUA6042 Datasheet HTML 6Page - Infineon Technologies AG TUA6042 Datasheet HTML 7Page - Infineon Technologies AG TUA6042 Datasheet HTML 8Page - Infineon Technologies AG TUA6042 Datasheet HTML 9Page - Infineon Technologies AG TUA6042 Datasheet HTML 10Page - Infineon Technologies AG TUA6042 Datasheet HTML 11Page - Infineon Technologies AG TUA6042 Datasheet HTML 12Page - Infineon Technologies AG TUA6042 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Data Sheet
9
Revision 3.1, 2006-12-19
TUA 6041-2
LIGHTNING
Product Info
1
Product Info
General Description
The TUA 6041-2 integrates the mixer-oscillator, AGC amplifier, digitally programmable
phase lock loop (PLL) and a digital alignment feature so that traditional air coils can be
replaced by SMD coils. This makes the TUA 6041-2 an ideal product for applications
where size and low power consumption are required design key factors. Typical
applications include TV's, VCR's, Set Top Boxes (STB) and also a range of portable
products.
Ordering Information
Type
Ordering Code
Package
TUA 6041-2
SP000250163
PG-VQFN-48
Features
General
Suitable for PAL, NTSC, SECAM,
DVB, DMB, DAB, ISDB-T and ATSC
High band covers frequency range for
L-Band up to 1.5 GHz
Supply voltage range from 3 to 5.5 V
Combined small - wide AGC detection
AGC + AGC buffer output
Low phase noise
Full ESD protection
Qualified according to JEDEC for
consumer applications
Mixer/Oscillator
Three band tuner
Unbalanced highohmic LOW band
input
Balanced lowohmic MID band input
Balanced lowohmic HIGH band input
Two pin oscillators for LOW/MID band
Four pin oscillator for HIGH band
IF-Amplifier
4 IF pins to connect a 2 pole bandpass
Symmetrical SAW driver
Fully balanced IF AGC amplifier
PLL
•I
2C / three wire combi bus
4 independent I
2C addresses
High voltage VCO tuning output
•Two PMOS ports
One voltage referred port
Internal LOW/MID/HIGH band switch
Xtal oscillator, range from 4 to 16 MHz
Xtal buffer output with programmable
level and output divider
Clock generator for DC/DC converter
with programmable high and low time
Digital alignment
Three DACs for digital alignment,
control range up to 5 volt
Power management
Bus controlled stand by mode
Application
The IC is suitable for PAL, NTSC,
SECAM,
DVB-C,
DVB-T,
DVB-H,
DMB-T, DAB, ISDB-T, ATSC and L-
Band tuners.


Similar Part No. - TUA6042

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6045-2 INFINEON-TUA6045-2 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
More results

Similar Description - TUA6042

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
logo
Texas Instruments
SN761644 TI1-SN761644 Datasheet
949Kb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761667 TI-SN761667 Datasheet
507Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761646 TI1-SN761646 Datasheet
679Kb / 26P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com