Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS625-40A Datasheet(PDF) 2 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPS625-40A
Description  silicon controlled rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPS625-40A Datasheet(HTML) 2 Page - IP SEMICONDUCTOR CO., LTD.

  IPS625-40A Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPS625-40A Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPS625-40A Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPS625-40A Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Tj = 25 ℃ unless otherwise specified)
Symbol
Test Condition
IPS625-xxA
Unit
40
IGT
Required DC gate current to trigger at 25℃
at - 40℃
at 125℃
MAX
40
100
15
mA
VGT
Required DC voltage to trigger
at 25℃
(anode supply = 6V, resistive load) at - 40℃
at 125℃
MAX
1.5
2.5
1.0
V
VGD
DC gate voltage not to trigger
(Tj = 125℃, VDRM = rated value)
MAX
0.2
V
IL
IG = 1.2 IGT
MAX
80
mA
IH
Holding current
MAX
60
mA
dV/dt
VD = 67% VDRM gate open Tj = 125 ℃
MIN
500
V/us
2
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth (j
– c)
Junction to case for DC
TO-220A
1.9
℃/W
Symbol
Test Conditions
Value
(MAX)
Unit
VTM
ITM = 50A, tp = 380uS
Tj = 25℃
1.6
V
IDRM / IRRM
VD = VDRM
Tj = 25℃
10
uA
VR = VRRM
Tj = 125℃
4
mA
STATIC CHARACTERISTICS
IPS625-xxA
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
Tel : +82-70-7574-2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com


Similar Part No. - IPS625-40A

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPS625-40B IPS-IPS625-40B Datasheet
218Kb / 4P
   silicon controlled rectifiers
More results

Similar Description - IPS625-40A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com