Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR67-04 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAR67-04
Description  Silicon PIN Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR67-04 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAR67-04 Datasheet HTML 1Page - Infineon Technologies AG BAR67-04 Datasheet HTML 2Page - Infineon Technologies AG BAR67-04 Datasheet HTML 3Page - Infineon Technologies AG BAR67-04 Datasheet HTML 4Page - Infineon Technologies AG BAR67-04 Datasheet HTML 5Page - Infineon Technologies AG BAR67-04 Datasheet HTML 6Page - Infineon Technologies AG BAR67-04 Datasheet HTML 7Page - Infineon Technologies AG BAR67-04 Datasheet HTML 8Page - Infineon Technologies AG BAR67-04 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2007-04-19
4
BAR67...
Forward current IF = ƒ (TS)
BAR67-02V
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
mA
250
Forward current IF = ƒ (TS)
BAR67-04
0
20
40
60
80
100
120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mA
220
Permissible Puls Load RthJS = ƒ (tp)
BAR67-02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tP
-1
10
0
10
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAR67-02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tP
0
10
1
10
2
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BAR67-04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR67-02V INFINEON-BAR67-02V Datasheet
416Kb / 4P
   Silicon PIN Diode
Feb-04-2003
BAR67-03W INFINEON-BAR67-03W Datasheet
44Kb / 3P
   Silicon PIN Diode
Jul-09-2001
More results

Similar Description - BAR67-04

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com