Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR65 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BAR65
Description  Silicon PIN Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR65 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BAR65_07 Datasheet HTML 4Page - Infineon Technologies AG BAR65_07 Datasheet HTML 5Page - Infineon Technologies AG BAR65_07 Datasheet HTML 6Page - Infineon Technologies AG BAR65_07 Datasheet HTML 7Page - Infineon Technologies AG BAR65_07 Datasheet HTML 8Page - Infineon Technologies AG BAR65_07 Datasheet HTML 9Page - Infineon Technologies AG BAR65_07 Datasheet HTML 10Page - Infineon Technologies AG BAR65_07 Datasheet HTML 11Page - Infineon Technologies AG BAR65_07 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2007-04-19
8
BAR65...
Package SC79
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø180 mm = 8.000 Pieces/Reel (2 mm Pitch)
Reel ø330 mm = 10.000 Pieces/Reel
0.3
1
2
marking
Cathode
0.8 ±0.1
A
±0.05
0.13
A
0.2 M
+0.05
-0.03
±0.04
0.55
0.35
BAR63-02V
Type code
Cathode marking
Laser marking
2
0.66
0.93
0.4
0.2
Cathode
marking
4
Cathode
marking
Standard
Reel with 2 mm Pitch
2005, June
Date code


Similar Part No. - BAR65_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR65-07 SIEMENS-BAR65-07 Datasheet
22Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-Diode Band switch for TV-tuners)
logo
Infineon Technologies A...
BAR65-07 INFINEON-BAR65-07 Datasheet
464Kb / 8P
   Silicon PIN Diode
Feb-04-2003
logo
Guangdong Kexin Industr...
BAR65-07 KEXIN-BAR65-07 Datasheet
35Kb / 1P
   Silicon RF Switching Diode
More results

Similar Description - BAR65_07

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com