Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKB02N60 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SKB02N60
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKB02N60 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SKB02N60_07 Datasheet HTML 5Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 6Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 7Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 8Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 9Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 10Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 11Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 12Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SKB02N60
10
Rev. 2.2
Oct. 07
0.0V
0.5V
1.0V
1.5V
2.0V
0A
1A
2A
3A
4A
100°C
-55°C
25°C
150°C
-40°C
0°C
40°C
80°C 120°C
1.0V
1.5V
2.0V
2.5V
VF, FORWARD VOLTAGE
Tj, JUNCTION TEMPERATURE
Figure 25. Typical diode forward current as
a function of forward voltage
Figure 26. Typical diode forward voltage as
a function of junction temperature
1µs
10µs
100µs
1ms
10ms 100ms
1s
10
-2K/W
10
-1K/W
10
0K/W
10
1K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
tp, PULSE WIDTH
Figure 27. Diode transient thermal
impedance as a function of pulse width
(D = tp / T)
IF = 2A
IF = 4A
C1=
τ1/R1
R1
R2
C2=
τ2/R2
R
,( K/ W )
τ , (s )
0.830
6.40*10
-3
2.240
8.79*10
-4
3.930
1.19*10
-4


Similar Part No. - SKB02N60_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB02N60 INFINEON-SKB02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
More results

Similar Description - SKB02N60_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com