Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKB06N60HS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SKB06N60HS
Description  High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKB06N60HS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SKB06N60HS_07 Datasheet HTML 5Page - Infineon Technologies AG SKB06N60HS_07 Datasheet HTML 6Page - Infineon Technologies AG SKB06N60HS_07 Datasheet HTML 7Page - Infineon Technologies AG SKB06N60HS_07 Datasheet HTML 8Page - Infineon Technologies AG SKB06N60HS_07 Datasheet HTML 9Page - Infineon Technologies AG SKB06N60HS_07 Datasheet HTML 10Page - Infineon Technologies AG SKB06N60HS_07 Datasheet HTML 11Page - Infineon Technologies AG SKB06N60HS_07 Datasheet HTML 12Page - Infineon Technologies AG SKB06N60HS_07 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SKB06N60HS
Power Semiconductors
9
Rev. 2.3
Oct.07
0nC
10nC
20nC
30nC
40nC
0V
5V
10V
15V
480V
120V
0V
10V
20V
10pF
100pF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(
IC=6 A)
Figure 18. Typical capacitance as a function
of collector-emitter voltage
(
VGE=0V, f = 1 MHz)
10V
11V
12V
13V
14V
0µs
5µs
10µs
15µs
10V
12V
14V
16V
18V
0A
10A
20A
30A
40A
50A
60A
70A
VGE, GATE-EMITETR VOLTAGE
VGE, GATE-EMITETR VOLTAGE
Figure 19. Short circuit withstand time as a
function of gate-emitter voltage
(
VCE=600V, start at TJ=25°C)
Figure 20. Typical short circuit collector
current as a function of gate-
emitter voltage
(
VCE ≤ 400V, Tj ≤ 150°C)


Similar Part No. - SKB06N60HS_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results

Similar Description - SKB06N60HS_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP20N60HS INFINEON-SGP20N60HS_09 Datasheet
388Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.5 Nov 09
SKW20N60HS INFINEON-SKW20N60HS_08 Datasheet
352Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SKB15N60HS INFINEON-SKB15N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.3 Oct. 07
SGP30N60HS INFINEON-SGP30N60HS_09 Datasheet
389Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGW50N60HS INFINEON-SGW50N60HS_09 Datasheet
355Kb / 11P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Nov 09
SKW30N60HS INFINEON-SKW30N60HS_08 Datasheet
353Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
   Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com