Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1000R17IE4 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # DF1000R17IE4
Description  PrimePACK?? Modul und NTC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DF1000R17IE4 Datasheet(HTML) 6 Page - Infineon Technologies AG

  DF1000R17IE4 Datasheet HTML 1Page - Infineon Technologies AG DF1000R17IE4 Datasheet HTML 2Page - Infineon Technologies AG DF1000R17IE4 Datasheet HTML 3Page - Infineon Technologies AG DF1000R17IE4 Datasheet HTML 4Page - Infineon Technologies AG DF1000R17IE4 Datasheet HTML 5Page - Infineon Technologies AG DF1000R17IE4 Datasheet HTML 6Page - Infineon Technologies AG DF1000R17IE4 Datasheet HTML 7Page - Infineon Technologies AG DF1000R17IE4 Datasheet HTML 8Page - Infineon Technologies AG DF1000R17IE4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Technische Information / technical information
DF1000R17IE4
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
3
+AL2 9
3
O
3Q
3
+AL2 9
3
O
3Q
3
+AL2 9
3
O
3Q
3
+AL2 9
3
O
3Q
4
3 #
+AL2 +
O
Q
4
3 #
+AL2 +
O
Q
4
3 #
+AL2 +
O
Q
4
3 #
+AL2 +
O
Q
:-, ) O UQR :-bb ) O UQ
:-, ) O UQR :-bb ) O UQ
:-, ) O UQR :-bb ) O UQ
:-, ) O UQR :-bb ) O UQ
!U' ) ` D !R +& )
/R !&' )
!
!U' ) ` D !R +& )
/R !&' )
!
!U' ) ` D !R +& )
/R !&' )
!
!U' ) ` D !R +& )
/R !&' )
!
U v[x
0
1
2
3
4
5
6
7
8
9
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
:-,R 2<= ) D E7
:-,R 2<= )
DE7
:-bbR 2<= ) D E7
:-bbR 2<= )
DE7
2
9"
4
+AL2 9
3
2
9"
4
+AL2 9
3
2
9"
4
+AL2 9
3
2
9"
4
+AL2 9
3
3
+AL2
3
+AL2
3
+AL2
3
+AL2
•HWh& ) O Q
•HWh& ) O Q
•HWh& ) O Q
•HWh& ) O Q
v x
0,001
0,01
0,1
1
10
0,1
1
10
100
•HWh& +AL2
ZvK%69x
Zv x
R
R
R*
R
*
R D
J
RD
RN
3
] 64"
/
3 +AL2 9
O L @/Q
3
] 64"
/
3 +AL2 9
O L @/Q
3
] 64"
/
3 +AL2 9
O L @/Q
3
] 64"
/
3 +AL2 9
O L @/Q
#
+AL2
O L @/Q
#
+AL2
O L @/Q
#
+AL2
O L @/Q
#
+AL2
O L @/Q
+& ) O!&'Q
+& ) O!&'Q
+& ) O!&'Q
+& ) O!&'Q
!U' ) ` D !R
U-bb )
[R 2<= ) D E7
!U' ) ` D !R
U-bb )
[R 2<= ) D E7
!U' ) ` D !R
U-bb )
[R 2<= ) D E7
!U' ) ` D !R
U-bb )
[R 2<= ) D E7
!&' v!x
0 200 400 600 800 1000 1200 1400 1600 1800
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
+&R
+&R 73
$
3
6
$
9
3
O
3Q
$
3
6
$
9
3
O
3Q
$
3
6
$
9
3
O
3Q
$
3
6
$
9
3
O
3Q
4
3
O
Q
4
3
O
Q
4
3
O
Q
4
3
O
Q
+m ) O!mQ
+m ) O!mQ
+m ) O!mQ
+m ) O!mQ
!m v!x
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2<= ) DE7
2<= )
DE7
2<= ) D E7


Similar Part No. - DF1000R17IE4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF1000R17IE4D_B2 INFINEON-DF1000R17IE4D_B2 Datasheet
512Kb / 9P
   PrimePACK3 module and NTC
2011-03-04 revision:2.1
DF1000R17IE4P INFINEON-DF1000R17IE4P Datasheet
583Kb / 10P
   IGBT, Brems-Chopper / IGBT, Brake-Chopper
V3.0 2018-11-26
More results

Similar Description - DF1000R17IE4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF650R17IE4V INFINEON-FF650R17IE4V Datasheet
1Mb / 10P
   PrimePACK?? Modul und NTC
2014-04-28 revision:2.0
FF1000R17IE4 INFINEON-FF1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.1
FD1000R17IE4 INFINEON-FD1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.1
FF450R17IE4 INFINEON-FF450R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.1
DF650R17IE4 INFINEON-DF650R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.2
FF650R17IE4 INFINEON-FF650R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.2
FF1000R17IE4D_B2 INFINEON-FF1000R17IE4D_B2 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.0
FF650R17IE4D_B2 INFINEON-FF650R17IE4D_B2 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-09-18 revision:2.0
FF450R12IE4 INFINEON-FF450R12IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2009-08-14 revision:2.4
FF900R12IE4V INFINEON-FF900R12IE4V Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2013-11-26 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com