Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS141TC Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS141TC
Description  Smart Low Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS141TC Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS141TC Datasheet HTML 1Page - Infineon Technologies AG BTS141TC Datasheet HTML 2Page - Infineon Technologies AG BTS141TC Datasheet HTML 3Page - Infineon Technologies AG BTS141TC Datasheet HTML 4Page - Infineon Technologies AG BTS141TC Datasheet HTML 5Page - Infineon Technologies AG BTS141TC Datasheet HTML 6Page - Infineon Technologies AG BTS141TC Datasheet HTML 7Page - Infineon Technologies AG BTS141TC Datasheet HTML 8Page - Infineon Technologies AG BTS141TC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Block Diagramm
Terms
Inductive and overvoltage output clamp
HITFET
IN
D
VIN
ID
VDS
1
IIN
S
Vbb
RL
2
3
HITFET
V
Z
D
S
Short circuit behaviour
V IN
I D
I D(SCp)
t 0
tm
t 2
I D(Lim)
t 1
Input circuit (ESD protection)
IN
ESD-ZDI
Source
ESD zener diodes are not designed
for DC current > 2 mA @
VIN>10V.
t0: Turn on into a short circuit
tm: Measurementpoint for ID(lim)
t1:
Activation of the fast temperature sensor and
regulation of the drain current to a level where
the junction temperature remains constant.
t2:
Thermal shutdown caused by the second
temperature sensor, achieved by an
integrating measurement.
Datasheet
5
Rev. 1.0, 2009-07-20
Smart Low Side Power Switch
HITFET BTS 141TC


Similar Part No. - BTS141TC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS141 INFINEON-BTS141 Datasheet
197Kb / 9P
   Smart Lowside Power Switch
19.05.2000
More results

Similar Description - BTS141TC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com