Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3522MTRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3522MTRPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3522MTRPBF Datasheet HTML 1Page - International Rectifier IR3522MTRPBF Datasheet HTML 2Page - International Rectifier IR3522MTRPBF Datasheet HTML 3Page - International Rectifier IR3522MTRPBF Datasheet HTML 4Page - International Rectifier IR3522MTRPBF Datasheet HTML 5Page - International Rectifier IR3522MTRPBF Datasheet HTML 6Page - International Rectifier IR3522MTRPBF Datasheet HTML 7Page - International Rectifier IR3522MTRPBF Datasheet HTML 8Page - International Rectifier IR3522MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IR3522
Page 4
V3.01
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed below may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied. All voltages are absolute voltages referenced to the
LGND pin.
Operating Junction Temperature……………..0 to 150
oC
Storage Temperature Range………………….-65
oC to 150oC
ESD Rating………………………………………HBM Class 1C JEDEC Standard
MSL Rating………………………………………2
Reflow Temperature…………………………….260
oC
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
SDA
8V
-0.3V
1mA
10mA
2
PGBIAS
8V
-0.3V
1mA
1mA
3
ENABLE
3.5V
-0.3V
1mA
1mA
4
IIN2
8V
-0.3V
5mA
1mA
5
ADDR1
3.5V
-0.3V
1mA
1mA
6
ADDR2
3.5V
-0.3V
1mA
1mA
7
OCSET2
8V
-0.3V
1mA
1mA
8
EAOUT2
8V
-0.3V
25mA
10mA
9
FB2
8V
-0.3V
1mA
1mA
10
VOUT2
8V
-0.3V
5mA
25mA
11
VOSEN2+
8V
-0.5V
5mA
1mA
12
VOSEN2-
1.0V
-0.5V
5mA
1mA
13
VOSEN1-
1.0V
-0.5V
5mA
1mA
14
VOSEN1+
8V
-0.5V
5mA
1mA
15
VOUT1
8V
-0.3V
5mA
25mA
16
FB1
8V
-0.3V
1mA
1mA
17
EAOUT1
8V
-0.3V
25mA
10mA
18
OCSET1
8V
-0.3V
1mA
1mA
19
VREF1
3.5V
-0.3V
1mA
1mA
20
SS/DEL1
8V
-0.3V
1mA
1mA
21
IIN1
V(VCCL) + 1.1 V
-0.3V
5mA
1mA
22
CROWBAR
8V
-0.3V
35mA
1mA
23
ROSC
8V
-0.3V
1mA
1mA
24
LGND
n/a
n/a
20mA
1mA
25
CLKOUT
8V
-0.3V
100mA
100mA
26
PHSOUT
8V
-0.3V
10mA
10mA
27
PHSIN
8V
-0.3V
1mA
1mA
28
VCCL
8V
-0.3V
1mA
20mA
29
VID0
8V
-0.3V
1mA
1mA
30
VID1
8V
-0.3V
1mA
1mA
31
PGOOD
VCCL + 0.3V
-0.3V
1mA
20mA
32
SCL
8V
-0.3V
1mA
1mA


Similar Part No. - IR3522MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR3522MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3500V IRF-IR3500V Datasheet
618Kb / 34P
   XPHASE3TM VR11.1 CPU VTT CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
   XPHASE3TM CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
   XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
   XPHASE3TM POL CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
   XPHASE3TM AMD SVID CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
   XPHASE3TM AMD HYBRID CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com