Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ105N04NSG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSZ105N04NSG
Description  OptiMOS?? Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ105N04NSG Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSZ105N04NSG Datasheet HTML 1Page - Infineon Technologies AG BSZ105N04NSG Datasheet HTML 2Page - Infineon Technologies AG BSZ105N04NSG Datasheet HTML 3Page - Infineon Technologies AG BSZ105N04NSG Datasheet HTML 4Page - Infineon Technologies AG BSZ105N04NSG Datasheet HTML 5Page - Infineon Technologies AG BSZ105N04NSG Datasheet HTML 6Page - Infineon Technologies AG BSZ105N04NSG Datasheet HTML 7Page - Infineon Technologies AG BSZ105N04NSG Datasheet HTML 8Page - Infineon Technologies AG BSZ105N04NSG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSZ105N04NS G
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
35
W
T A=25 °C,
R thJA=60 K/W
2)
2.1
Operating and storage temperature
T j, T stg
-55 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
3.6
K/W
Device on PCB
R thJA
6 cm
2 cooling area2)
--
60
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
40
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=14 µA
2-
4
Zero gate voltage drain current
I DSS
V DS=40 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=40 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=20 A
-
8.8
10.5
m
Gate resistance
R G
-1
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=20 A
15
30
-
S
4) See figure 13 for more detailed information
3) See figure 3 for more detailed information
Value
Values
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev. 2.0
page 2
2010-03-19


Similar Part No. - BSZ105N04NSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ100N03LSG INFINEON-BSZ100N03LSG Datasheet
339Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2010-03-19
BSZ100N03MSG INFINEON-BSZ100N03MSG Datasheet
337Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev. 2.0 2010-03-19
BSZ100N06LS3G INFINEON-BSZ100N06LS3G Datasheet
252Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-11-11
BSZ100N06NS INFINEON-BSZ100N06NS Datasheet
697Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
More results

Similar Description - BSZ105N04NSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com