Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD84RCLS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DD84RCLS
Description  Damper Diode for Ultrahigh-Definition Display Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DD84RCLS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DD84RCLS Datasheet HTML 1Page - Sanyo Semicon Device DD84RCLS Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DD84RCLS
No.5890-2/2
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be expor ted without obtaining the expor t license from the author ities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of September, 2001. Specifications and information herein are subject
to change without notice.
PS
IF -- VF
IT03918
0
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
0.4
0.8
1.2
1.6
2.0
2.4
2.8
70
°C
Rth(j-c) -- t
Cj -- VR
IT03915
IT03916
IFSM -- t
IT03917
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
7 1.0
23
5
7
10
23
5
7 100
2
5
7
10
2
3
5
7
100
2
3
5
f=100kHz
Tc=25˚C
7 0.01
23
5
7 0.1
23
5
7 1.0
0.1
23
5 7 1.0
23
5 7 10
23
5 7100 23 5 71000
23
0
20
40
60
80
100
120
IS
20ms
Current waveform
50Hz sine wave
t
Time, t -- s
Time, t -- ms
Forward Voltage, VF -- V
Reverse Voltage, VR -- V


Similar Part No. - DD84RCLS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DD84RC SANYO-DD84RC Datasheet
79Kb / 2P
   DD84RC
More results

Similar Description - DD84RCLS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DD84SCLS SANYO-DD84SCLS Datasheet
18Kb / 2P
   Damper Diode for Ultrahigh-Definition Display Applications
DD52RC SANYO-DD52RC Datasheet
56Kb / 2P
   Damper Diode for Ultrahigh-Definition Display Applications
DD54RC SANYO-DD54RC Datasheet
55Kb / 2P
   Damper Diode for Ultrahigh-Definition Display Applications?
DD54SC SANYO-DD54SC Datasheet
57Kb / 2P
   Damper Diode for Ultrahigh-Definition Display Applications?
DD50R SANYO-DD50R Datasheet
56Kb / 2P
   Ultrahigh-Definition Display Damper Diode
DD20R SANYO-DD20R Datasheet
54Kb / 2P
   Damper Diode for Very High-Definition Display Applications
DD82RC SANYO-DD82RC Datasheet
55Kb / 2P
   Damper Diode for Very High-Definition Display Applications?
DD82SC SANYO-DD82SC Datasheet
56Kb / 2P
   Damper Diode for Very High-Definition Display Applications???
2SC3595 SANYO-2SC3595 Datasheet
79Kb / 3P
   Ultrahigh-Definition CRT Display Applications
2SC4188 SANYO-2SC4188 Datasheet
89Kb / 3P
   Ultrahigh-Definition Display Video Output Applications??????
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com