Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS7170050P Datasheet(PDF) 2 Page - Winbond

Part # WMS7170050P
Description  NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7170050P Datasheet(HTML) 2 Page - Winbond

  WMS7170050P Datasheet HTML 1Page - Winbond WMS7170050P Datasheet HTML 2Page - Winbond WMS7170050P Datasheet HTML 3Page - Winbond WMS7170050P Datasheet HTML 4Page - Winbond WMS7170050P Datasheet HTML 5Page - Winbond WMS7170050P Datasheet HTML 6Page - Winbond WMS7170050P Datasheet HTML 7Page - Winbond WMS7170050P Datasheet HTML 8Page - Winbond WMS7170050P Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
WMS7170/1
- 2 -
1. GENERAL DESCRIPTION
The WMS717x is a 100 non-volatile linear digital potentiometers available in 10K
Ω, 50KΩ and 100KΩ
resistance values. The WMS7170/1 can be used as a three-terminal potentiometer or as a two
terminal variable resistor in a wide variety of applications.
The output of each potentiometer is determined by the wiper position, which varies in linearly between
VA and VB terminal according to the content stored in the volatile Tap Register (TR) which is
programmed through Up/Down (Increment/Decrement) interface. The channel has one non-volatile
memory location (NVMEM0) that can be directly written to by users through the Up/Down interface.
Power-on recall is also built in so the content of the NVMEM0 to Tap Register is automatically loaded.
B
The WMS7170/1 devices pin out the resistor wiper directly. The WMS7171 devices feature an output
buffer with 3mA minimum drive capability.
All the WMS7170/1 devices are single channel devices offered in 8-pin PDIP, SOIC and MSOP
packages. The WMS7170/1 devices operate over a wide operating voltage ranging from 2.7V to
5.5V.
2. FEATURES
Drop-in replacements for many popular parts
Available output buffer for WMS7171 devices
Single linear-taper channel
100 taps
10K, 50K and 100K end-to end resistance
VSS to VDD terminal voltages
Non-volatile storage of wiper positions with power-on recall
Data storage and potentiometer control through Up/Down (3-wire) interface
Endurance 100,000 write cycles
Data retention 100 years
Package options:
o
8-pin PDIP, SOIC or MSOP
Industrial temperature range: -40° ~ 85°C
Single supply operation 2.7V to 5.5V


Similar Part No. - WMS7170050P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7170050P WINBOND-WMS7170050P Datasheet
283Kb / 22P
   NON-VOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 100 TAPS WITHOUT / WITH OUTPUT BUFFER
More results

Similar Description - WMS7170050P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7130 WINBOND-WMS7130 Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7140 WINBOND-WMS7140 Datasheet
309Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 16 TAPS WITH OPTIONAL OUTPUT BUFFER
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com