Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS7130100P Datasheet(PDF) 8 Page - Winbond

Part # WMS7130100P
Description  NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7130100P Datasheet(HTML) 8 Page - Winbond

Back Button WMS7130100P Datasheet HTML 4Page - Winbond WMS7130100P Datasheet HTML 5Page - Winbond WMS7130100P Datasheet HTML 6Page - Winbond WMS7130100P Datasheet HTML 7Page - Winbond WMS7130100P Datasheet HTML 8Page - Winbond WMS7130100P Datasheet HTML 9Page - Winbond WMS7130100P Datasheet HTML 10Page - Winbond WMS7130100P Datasheet HTML 11Page - Winbond WMS7130100P Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
WMS7130/1
- 8 -
7.3. SERIAL DATA INTERFACE
The Up/Down family has a 3-wire Serial Data Interface consisting of CS , INC , U/D pins. Only
UP/DOWN operations can be performed. The key features of this interface include:
Increment/Decrement operations on the tap register (TR)
Direct refresh of tap register (TR) from internal NVMEM
Nonvolatile storage of the present tap register value into the NVMEM and automatic recall at
power up
For WMS7131 devices, output buffer amplifier
7.4. OPERATION OVERVIEW
The wiper position or the Tap Register(TR) setting can only be changed by the UP/DOWN operation
with the combination of CS , U/D , and INC signals. When CS is low, the part will be activated and
the TR setting can be changed by toggling INC , and TR will move up when U/D is High and move
down when U/D is Low. The TR setting will be stored into the user NVMEM automatically each time
CS goes high while INC holds high. Otherwise, if INC is low when CS goes high, the TR setting
will not be stored. The NVMEM content will be automatically loaded into TR at Power On. The user
NVMEM can be tested through the voltage measurement on the wiper pin after saving TR setting into
the NVMEM and reloading into the TR. When the TR setting is already at LOW, further DOWN
operations won’t change the setting. Similarly, when TR setting is at HIGH, further UP operations
won’t change the setting.
When CS is held HIGH, the part will be in Standby mode and the TR setting will not be changed.
The operating modes of Up/Down are summarized below.
CS
U/ D
INC
Operation
Low
High
High to Low
Wiper toward VA
Low
Low
High to Low
Wiper toward VB
B
Low to High
x
High
Store Wiper Position
Low to High
x
Low
No Store, Return to Standby
High
x
x
Standby
Note: x means don’t care


Similar Part No. - WMS7130100P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010M WINBOND-WMS7110010M Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010P WINBOND-WMS7110010P Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010S WINBOND-WMS7110010S Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110050M WINBOND-WMS7110050M Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
More results

Similar Description - WMS7130100P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7170 WINBOND-WMS7170_05 Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7140 WINBOND-WMS7140 Datasheet
309Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 16 TAPS WITH OPTIONAL OUTPUT BUFFER
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com